Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q45BB6LP Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # Q45BB6LP
Description  Q45BB6 Series Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45BB6LP Datasheet(HTML) 2 Page - Banner Engineering Corp.

  Q45BB6LP Datasheet HTML 1Page - Banner Engineering Corp. Q45BB6LP Datasheet HTML 2Page - Banner Engineering Corp. Q45BB6LP Datasheet HTML 3Page - Banner Engineering Corp. Q45BB6LP Datasheet HTML 4Page - Banner Engineering Corp. Q45BB6LP Datasheet HTML 5Page - Banner Engineering Corp. Q45BB6LP Datasheet HTML 6Page - Banner Engineering Corp. Q45BB6LP Datasheet HTML 7Page - Banner Engineering Corp. Q45BB6LP Datasheet HTML 8Page - Banner Engineering Corp. Q45BB6LP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Retroreflective-Mode Models
The visible red sensing beam of these sensors makes them very easy to align. Model
Q45BB6LP polarizes the emitted light and filters out unwanted reflections, making
sensing possible in applications otherwise considered unsuited to retroreflective
sensing. Specified using the model BRT-3 3-inch reflector (go to
www.bannerengineering.com additional information).
RETRO
Visible red, 680 nm
(non-polarized)
P
POLAR RETRO
Visible red, 680 nm
(polarized)
Non-Polarized
Models
Range
Cable
Supply Voltage
Output Type
Q45BB6LV
0.08 to 9 m (3 in to 30 ft)
4-wire 2 m (6.5 ft) cable
10 V dc to 30 V dc
Bipolar NPN/PNP
Q45BB6LVQ
4-Pin Mini-style QD
Q45BB6LVQ5
4-Pin Euro-style QD
Polarized
Models
Range
Cable
Supply Voltage
Output Type
Q45BB6LP
0.15 to 6 m (6 in to 20 ft)
4-wire 2 m (6.5 ft) cable
10 V dc to 30 V dc
Bipolar NPN/PNP
Q45BB6LPQ
4-Pin Mini-style QD
Q45BB6LPQ5
4-Pin Euro-style QD
Diffuse-Mode Models
These diffuse-mode models detect objects by sensing the reflection of their own emitted light. Ideal for
use when the reflectivity and profile of the object to be sensed are sufficient to return a large percentage
of emitted light back to the sensor. Model Q45BB6DX is the first choice for diffuse-mode applications
when there are no background objects to falsely return light.
DIFFUSE
Infrared, 880 nm
Short Range
Models
Range
Cable
Supply Voltage
Output Type
Q45BB6D
45 cm (18 in)
4-wire 2 m (6.5 ft) cable
10 V dc to 30 V dc
Bipolar NPN/PNP
Q45BB6DQ
4-Pin Mini-style QD
Q45BB6DQ5
4-Pin Euro-style QD
Long Range
Models
Range
Cable
Supply Voltage
Output Type
Q45BB6DL
1.8 m (6 ft)
4-wire 2 m (6.5 ft) cable
10 V dc to 30 V dc
Bipolar NPN/PNP
Q45BB6DLQ
4-Pin Mini-style QD
Q45BB6DLQ5
4-Pin Euro-style QD
High Power
Models
Range
Cable
Supply Voltage
Output Type
Q45BB6DX
3 m (10 ft)
4-wire 2 m (6.5 ft) cable
10 V dc to 30 V dc
Bipolar NPN/PNP
Q45BB6DXQ
4-Pin Mini-style QD
Q45BB6DXQ5
4-Pin Euro-style QD
Q45BB6 Series Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 36578 Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com