Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q45VR2DQ Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # Q45VR2DQ
Description  Q45VR2 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR2DQ Datasheet(HTML) 2 Page - Banner Engineering Corp.

  Q45VR2DQ Datasheet HTML 1Page - Banner Engineering Corp. Q45VR2DQ Datasheet HTML 2Page - Banner Engineering Corp. Q45VR2DQ Datasheet HTML 3Page - Banner Engineering Corp. Q45VR2DQ Datasheet HTML 4Page - Banner Engineering Corp. Q45VR2DQ Datasheet HTML 5Page - Banner Engineering Corp. Q45VR2DQ Datasheet HTML 6Page - Banner Engineering Corp. Q45VR2DQ Datasheet HTML 7Page - Banner Engineering Corp. Q45VR2DQ Datasheet HTML 8Page - Banner Engineering Corp. Q45VR2DQ Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Retroreflective-Mode Models
The visible red sensing beam of these sensors makes them very easy to align. Model Q45VR2LP
polarizes the emitted light and filters out unwanted reflections, making sensing possible in
applications otherwise considered unsuited to retroreflective sensing. Specified using the model
BRT-3 3-inch reflector (see the Accessories section of your current Banner catalog for further
information).
Output Type: SPDT Electro-mechanical relay
RETRO
Visible red, 680 nm
(non-polarized)
P
POLAR RETRO
Visible red, 680 nm
(polarized)
Non-Polarized - Range 0.08 to 9 m (3 in to 30 ft)
Models
Cable
Excess Gain
Beam Pattern
Q45VR2LV
5-wire 2 m (6.5 ft) cable
1
10
100
1000
.10 m
.33 ft
1.0 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45LV
Retroreflective Mode
With BRT-3 Reflector
12 m
40 ft
15 m
50 ft
9 m
30 ft
6 m
20 ft
3 m
10 ft
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0 in
2.0 in
3.0 in
1.0 in
2.0 in
3.0 in
DISTANCE
Q45LV
Retroreflective Mode
With BRT-3 Reflector
Q45VR2LVQ
5-Pin Mini-style QD
Polarized - Range 0.15 to 6 m (6 in to 20 ft)
Models
Cable
Excess Gain
Beam Pattern
Q45VR2LP
5-wire 2 m (6.5 ft) cable
1
10
100
1000
.10 m
.33 ft
1.0 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45LP
Retroreflective Mode
With BRT-3 Reflector
6 m
20 ft
7.5 m
25 ft
4.5 m
15 ft
3 m
10 ft
1.5 m
5 ft
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0 in
2.0 in
3.0 in
1.0 in
2.0 in
3.0 in
DISTANCE
Q45LP
Retroreflective
Mode
With BRT-3 Reflector
Q45VR2LPQ
5-Pin Mini-style QD
To order the 9 m (30 ft) cable models, add the suffix "W/30" to the cabled model number. (For example: Q45VR2LV W/30.) Models with
a quick disconnect (QD) connector require a mating cable.
Q45VR2 Series Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 36339 Rev. H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com