Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18FAM10 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SMB18FAM10
Description  MINI-BEAM짰 MIAD9 NAMUR Series Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18FAM10 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SMB18FAM10 Datasheet HTML 1Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 2Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 3Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 4Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 5Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 6Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 7Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 8Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Wiring Connections
MIAD9 Series NUMAR sensors are intrinsically safe ONLY when used with certified intrinsically safe switching amplifiers and barriers
(Approved Apparatus) with intrinsically safe circuits. Banner does not manufacture such devices; however, our applications engineers
can refer you to suppliers of certified devices that will interface with Banner sensors.
The user is responsible for proper installation and maintenance of this equipment, and must conform with the certification
requirements relating to barriers and to maximum allowable capacitance and inductance of the field wiring. If in doubt about these
requirements, our applications engineers can refer you to the appropriate authority.
MIAD9 Series
NAMUR Sensor
DIN 19234
Brown
Non-Hazard Area
Hazard Area
Blue
+
+
Switching Amplifier
(sensor power source
and monitor)
Switched
Output
Factory Mutual Approved
Associated Apparatus
Apparatus
–
–
V dc Supply
Specifications
Supply Voltage and Current
5 to 15 V dc (provided by the amplifier to which the sensor is connected)
Adjustments
15-turn slotted brass screw GAIN (sensitivity) adjustment potentiometer
(clutched at both ends of travel); located on rear panel and protected by a
clear gasketed acrylic cover
Indicators
Red LED Alignment Indicator Device (AID) located on rear panel lights when
the sensor sees a “light” condition; pulse rate is proportional to signal
strength (the stronger the signal, the faster the pulse rate).
Construction
Reinforced thermoplastic polyester housing, totally encapsulated, o-ring
sealing, acrylic lenses, and stainless steel screws
Application Note
Special Conditions for Safe Use: Parts of the enclosure are non-conducting
and may generate an ignition-capable level of ESD. Cleaning of the equipment
must be done only with a damp cloth.
Output
Constant current output: ≤ 1.2 mA in the “dark” condition and ≥ 2.1 mA in the
“light” condition
Output Response Time
Opposed mode: 2 ms ON/400 μs OFF
All other modes: 5 ms ON/OFF (does not include amplifier response)
Environmental Rating
Banner tested to NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12 and 13
IEC IEC IP67
Operating Conditions
Temperature: −40 °C to +70 °C (−40 °F to +158 °F)
Connections
PVC-jacketed 2-conductor 2 m or 9 m cables, or special 4-pin Euro-style quick-
disconnect (QD) fitting are available; QD cables are ordered separately.
Certifications
1725
IEC IECEx FMG 14.0029X
ATEX FM12ATEX0094X
FM CoC 0003046293 (US)
FM CoC 0003046293C (CAN)
Design Standards
ATEX (European)
EN 60079-0, EN 60079-11 and EN 60079-26
Canada
CAN/CSA C22.2: No.0-M91, No.142-M1987, No.157-92, No.213-M1987, No.1010.1, E60079-0 and E60079-11
United States
FM Class 3600, 3610, and 3810; ANSI/ISA 61010-1 (82.02.01), 60079-0 and 60079-11
IECEx
IEC 60079-0, IEC 60079-11
MINI-BEAM® MIAD9 NAMUR Series Sensor
P/N 39616 Rev. L
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com