Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45LM58 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # 45LM58
Description  Q45BW22 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

45LM58 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  45LM58 Datasheet HTML 1Page - Banner Engineering Corp. 45LM58 Datasheet HTML 2Page - Banner Engineering Corp. 45LM58 Datasheet HTML 3Page - Banner Engineering Corp. 45LM58 Datasheet HTML 4Page - Banner Engineering Corp. 45LM58 Datasheet HTML 5Page - Banner Engineering Corp. 45LM58 Datasheet HTML 6Page - Banner Engineering Corp. 45LM58 Datasheet HTML 7Page - Banner Engineering Corp. 45LM58 Datasheet HTML 8Page - Banner Engineering Corp. 45LM58 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Overview
Status indicator LEDs for power, signal, and output are clearly visible beneath a raised dome in the sensor’s transparent o-
ring-sealed polycarbonate cover. Also located beneath the sensor’s o-ring-sealed cover are controls for light/dark operate
selection and the sensitivity adjustment.
•
The power indicator (green) lights when power is applied to the sensor.
•
The signal indicator (red) lights when the sensor sees its modulated light source and pulses at a rate proportional
to the strength of the received light signal; this is the AID™ Alignment Indicating Device2.
•
The output indicator (amber) lights when the sensor’s output is conducting. This indicator is especially useful when
a timing logic module is used and signal and output conditions are not concurrent.
2
3
4
5
1
1. LEDs
•
Green LED: Power on indicator
•
Red LED: Signal indicator
•
Amber LED: Output status indicator
2. Optional LED signal strength display
3. Optional timing adjustment
4. Optional timing adjustment
5. Light/dark operate switch
Wiring Diagram
Attached Cable
90-250V ac
–
+
3
1
4
Load
Emitter with Attached Cable
1
3
90–250 V ac
Key
1 = Brown
3 = Blue
4 = Black
Quick-Disconnect 3-Pin Mini-Style
(model suffix Q)
90-250V ac
–
+
3
1
Emitter with Quick-Disconnect 3-Pin
Mini-Style (model suffix Q)
1
4
3
90–250 V ac
Quick-Disconnect 4-Pin Micro-Style
(model suffix Q1)
90-250V ac
1
2
3
4
Load
Emitter with Quick-Disconnect 4-Pin
Micro-Style (model suffix Q1)
90-250V ac
1
2
3
4
Key
1 = Red and black
2 = Red and white
3 = Red
4 = Green
2 US patent no. 4356393
Q45BW22 Series Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 37209 Rev. F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com