Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSN084F Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLSN084F
Description  SMD Unshielded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLSN084F Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WLSN084F Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLSN084F Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLSN084F Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLSN084F Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLSN084F Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLSN084F Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
ASC_WLSN084F Series_V3.0
Nov. Y2017
Electrical Characteristics
WLSN084
Series
Marking
Inductance
(uH)
Inductance
Tolerance
Test
Freq
(KHz)
DCR
MAX. ( )
I Sat
(A)
I Rat
(A)
WLSN084FZ0M1R0LB
1R0
1.0
± 20%
100
0.009
9.00
6.80
WLSN084FZ0M1R5LB
1R5
1.5
± 20%
100
0.010
8.00
6.40
WLSN084FZ0M2R2LB
2R2
2.2
± 20%
100
0.012
7.00
6.10
WLSN084FZ0M3R3LB
3R3
3.3
± 20%
100
0.015
6.40
5.40
WLSN084FZ0M4R7LB
4R7
4.7
± 20%
100
0.018
5.40
4.80
WLSN084FZ0M6R8LB
6R8
6.8
± 20%
100
0.027
4.60
4.40
WLSN084FZ0M100LB
100
10.0
± 20%
100
0.038
3.80
3.90
WLSN084FZ0M150LB
150
15.0
± 20%
100
0.046
3.00
3.10
WLSN084FZ0M220LB
220
22.0
± 20%
100
0.085
2.60
2.70
WLSN084FZ0M330LB
330
33.0
± 20%
100
0.100
2.00
2.10
WLSN084FZ0M470LB
470
47.0
± 20%
100
0.140
1.60
1.80
WLSN084FZ0M680LB
680
68.0
± 20%
100
0.200
1.40
1.50
WLSN084FZ0M101LB
101
100.0
± 20%
100
0.280
1.20
1.30
WLSN084FZ0M151LB
151
150.0
± 20%
100
0.400
1.00
1.00
WLSN084FZ0M221LB
221
220.0
± 20%
100
0.610
0.80
0.80
WLSN084FZ0M331LB
331
330.0
± 20%
100
1.020
0.60
0.60
WLSN084FZ0M471LB
471
470.0
± 20%
100
1.270
0.50
0.50
WLSN084FZ0M681LB
681
680.0
± 20%
100
2.020
0.40
0.40
WLSN084FZ0M102LB
102
1000.0
± 20%
100
3.000
0.30
0.30
WLSN084FZ0M152LB
152
1500.0
± 20%
100
5.000
0.25
0.25
a. Tolerance: M:±20%
b. Operating Temp:-25
to +105
.
℃
℃
c. Inductance measured using the HP4284A LCR meter, CHROMA3302/1320/16502.
d. DCR measured using the 502BC milli-ohm meter.
e. Inductance drops no more than 10 % of initial value at Isat , temperature rises
t< 40
at rated
△
℃
current.
MSL
※
:LEVEL 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com