Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSN104D Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLSN104D
Description  Unshielded SMD Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLSN104D Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WLSN104D Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLSN104D Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLSN104D Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLSN104D Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLSN104D Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLSN104D Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
ASC_WLSN104D Series_V2.0
Nov. Y2017
Electrical Characteristics
WLSN104D
Series
Marking
Inductance
(uH)
Inductance
Tolerance
Test
Freq
(KHz)
DCR
MAX. ( )
Rated
Current
(A)
WLSN104DZ0□100LB
100
10
± 10%, ± 20%
100
0.053
2.38
WLSN104DZ0□120LB
120
12
± 10%, ± 20%
100
0.061
2.13
WLSN104DZ0□150LB
150
15
± 10%, ± 20%
100
0.070
1.87
WLSN104DZ0□180LB
180
18
± 10%, ± 20%
100
0.081
1.73
WLSN104DZ0□220LB
220
22
± 10%, ± 20%
100
0.088
1.60
WLSN104DZ0□270LB
270
27
± 10%, ± 20%
100
0.100
1.44
WLSN104DZ0□330LB
330
33
± 10%, ± 20%
100
0.120
1.26
WLSN104DZ0□390LB
390
39
± 10%, ± 20%
100
0.151
1.20
WLSN104DZ0□470LB
470
47
± 10%, ± 20%
100
0.170
1.10
WLSN104DZ0□560LB
560
56
± 10%, ± 20%
100
0.199
1.01
WLSN104DZ0□680LB
680
68
± 10%, ± 20%
100
0.223
0.91
WLSN104DZ0□820LB
820
82
± 10%, ± 20%
100
0.252
0.85
WLSN104DZ0□101LB
101
100
± 10%, ± 20%
10
0.344
0.74
WLSN104DZ0□121LB
121
120
± 10%, ± 20%
10
0.396
0.69
WLSN104DZ0□151LB
151
150
± 10%, ± 20%
10
0.544
0.61
WLSN104DZ0□181LB
181
180
± 10%, ± 20%
10
0.621
0.56
WLSN104DZ0□221LB
221
220
± 10%, ± 20%
10
0.721
0.53
WLSN104DZ0□271LB
271
270
± 10%, ± 20%
10
0.949
0.45
WLSN104DZ0□331LB
331
330
± 10%, ± 20%
10
1.100
0.42
WLSN104DZ0□391LB
391
390
± 10%, ± 20%
10
1.245
0.38
WLSN104DZ0□471LB
471
470
± 10%, ± 20%
10
1.526
0.35
WLSN104DZ0□561LB
561
560
± 10%, ± 20%
10
1.904
0.32
WLSN104DZ0□102LB
102
1000
± 10%, ± 20%
1
3.800
0.16
a. Tolerance: M:±20%, K:±10%
b. Operating Temperature Range:-25℃ to +105℃(Including self-generated heat).
.Inductance measured using the HP4284A;Chroma 3302+1320
.DCR measured using the 16502 milli-ohm meter.
.Inductance drops no more than 10 % of initial value at rated current ,temperature rises △t< 40℃
.Storage Temperature Range:-40℃ to +85℃
*MSL:LEVEL 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com