Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSS124P Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLSS124P
Description  Shielded SMD Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLSS124P Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WLSS124P Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLSS124P Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLSS124P Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLSS124P Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLSS124P Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLSS124P Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
ASC_WLSS124P Series_V3.0
Nov. Y2017
Electrical Characteristics
WLSS124P Series
Marking
L (uH)
Inductance
Tolerance
Test
Freq
(KHz)
DCR (m )
MAX.
Rated
Current
(A)
WLSS124PZ0M3R9LB
3R9
3.9
±20%
100
15
6.50
WLSS124PZ0M4R7LB
4R7
4.7
±20%
100
18
5.70
WLSS124PZ0M6R8LB
6R8
6.8
±20%
100
23
4.90
WLSS124PZ0M8R2LB
8R2
8.2
±20%
100
26
4.60
WLSS124PZ0M100LB
100
10
±20%
100
28
4.50
WLSS124PZ0M120LB
120
12
±20%
100
38
4.00
WLSS124PZ0M150LB
150
15
±20%
100
50
3.20
WLSS124PZ0M180LB
180
18
±20%
100
57
3.10
WLSS124PZ0M220LB
220
22
±20%
100
66
2.90
WLSS124PZ0M270LB
270
27
±20%
100
80
2.80
WLSS124PZ0M330LB
330
33
±20%
100
97
2.70
WLSS124PZ0M390LB
390
39
±20%
100
132
2.10
WLSS124PZ0M470LB
470
47
±20%
100
150
1.90
WLSS124PZ0M560LB
560
56
±20%
100
190
1.80
WLSS124PZ0M680LB
680
68
±20%
100
220
1.50
WLSS124PZ0M820LB
820
82
±20%
100
260
1.30
WLSS124PZ0M101LB
101
100
±20%
100
308
1.20
WLSS124PZ0M121LB
121
120
±20%
100
380
1.10
WLSS124PZ0M151LB
151
150
±20%
100
530
0.95
WLSS124PZ0M181LB
181
180
±20%
100
620
0.85
WLSS124PZ0M221LB
221
220
±20%
100
700
0.80
WLSS124PZ0M271LB
271
270
±20%
100
870
0.60
WLSS124PZ0M331LB
331
330
±20%
100
990
0.50
a. Tolerance:
:
:
: M : ±20%
b. Operating Temp:
:
:
:-25
to +105
.
℃
℃
℃
℃
℃
℃
℃
℃
c. Inductance measured using the HP4284A LCR meter,CHROMA1320 & 3302 & 16502
d. DCR measured using the 502BC milli-ohm meter.
e. Inductance drops no more than 25% of initial value at rated current, temperature rises
t< 40
.
△
△
△
△
℃
℃
℃
℃
MSL
※
※
※
※
:
:
:
:LEVEL 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com