Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2696 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2696
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2696 Datasheet HTML 1Page - National Semiconductor (TI) LM2696 Datasheet HTML 2Page - National Semiconductor (TI) LM2696 Datasheet HTML 3Page - National Semiconductor (TI) LM2696 Datasheet HTML 4Page - National Semiconductor (TI) LM2696 Datasheet HTML 5Page - National Semiconductor (TI) LM2696 Datasheet HTML 6Page - National Semiconductor (TI) LM2696 Datasheet HTML 7Page - National Semiconductor (TI) LM2696 Datasheet HTML 8Page - National Semiconductor (TI) LM2696 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Connection Diagram
Top View
20153402
eTSSOP-16 Package
Pin Descriptions
Pin #
Name
Function
1, 2, 3
SW
Switching node
4
CBOOT
Bootstrap capacitor input
5
AVIN
Analog voltage input
6
EXTV
CC
Output of internal regulator for decoupling
7
FB
Feedback signal from output
8
N/C
No connect
9
GND
Ground
10
SS
Soft-start pin
11
PGOOD
Power-good flag, open drain output
12
RON
Sets the switch on-time dependent on current
13
SD
Shutdown pin
14, 15, 16
PVIN
Power voltage input
-
Exposed Pad
Must be connected to ground
Ordering Information
Order
Number
Package
Type
NSC Package
Drawing
Supplied As
LM2696MXA
eTSSOP-16
MXA16A
92 units/rail
LM2696MXAX
eTSSOP-16
MXA16A
2,500 Units Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com