Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS1090 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS1090
Description  10.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS1090 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRS1090 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS1090 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-95-
RATINGS AND CHARACTERISTIC CURVES (
MBRS10100)
MBRS1090 THRU
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
0
2
4
CASE TEMPERATURE. ( C)
o
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER LEG
10
100
140
120
160
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.1
0.01
1.0
10
FIG.5- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION. (sec)
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.6
0.8
1.0
0.9
0.7
0.5
0.4
0.3
0.2
0.1
0
1.0
0.5
3.0
10
50
FORWARD VOLTAGE. (V)
80
60
40
100
1
6
8
10
Tj=Tj max.
8.3ms Single Half Sine-Wave
JEDEC Method
Tj=125 C
0
Tj=25 C
0
Tj=150 C
0
Tj=100 C
0
5.0
20
180
RESISTIVE OR INDUCTIVE LOAD
Tj=25 C
0
Tj=100 C
0
Tj=150 C
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com