Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL1002CT Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # RL1002CT
Description  GLASS PASSIVATED SILICON RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

RL1002CT Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  RL1002CT Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd RL1002CT Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd RL1002CT Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RL1001CT THRU RL1007CT
GLASS PASSIVATED SILICON RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
10.0 AMPERE
FEATURES
· Low forward voltage drop
TO-220
· High current capability
· High capability
· High surge current capability
MECHANICAL DATA
Case: Molded plastic, TO-220
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202
method 208 guaranteed
Polarity: As marked
Mounting position: Any
Weight: 0.08ounce, 2.24gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols RL1001CT RL1002CT RL1003CT RL1004CT RL1005CT RL1006CT RL1007CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at TC=100℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage
at 5.0A DC and 25℃
Maximum Reverse Current
at TC=25℃
at Rated DC Blocking Voltage
TC=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJC
℃/W
Operating and Storage Temperature Range
TJ,Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance from Junction to Case per Leg Mounted on Heatsink.
Amp
Amp
Volts
uAmp
1.1
I(AV)
IFSM
VF
10.0
125
Dimensions in inches and (millimeters)
IR
-55 to +150
5.0
50
30
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com