Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFECV10M7FA00-R0 Datasheet(PDF) 48 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7FA00-R0 Datasheet(HTML) 48 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7FA00-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
47
13
Continued from the preceding page.
s CDALA10M7GA046-B0
Test Circuit
24
13
14
15
16
17
18
19
20
21
22
23
1
12
11
10
9
8
7
6
5
4
3
2
LA1832
(SANYO)
AFC
IF-IN
300
0.047
µ
0.047
µ
100
µ
75
10
µ
2.2
µ
270
REG
CDALA10M7GA046
3k
1
µ
Vcc (5V)
AF OUT
+
Unit
R :
C : F
1
µ
0.01
µ
0.01
µ
CSBLA456KE2ZF15
+
1200p
0.047
µ
5.6k
6.8k
+
3.3
µ
22
µ
1
µ
+
+
+
Frequency Characteristics
Frequency ( MHz )
1
10
100
1000
10.5
10.4
10.6
10.7
10.8
10.9
11.0
0.1
1
10
100
Input Level 112 dB
µ
Mod. Freq. 1000 Hz
Freq. Dev.
±75 kHz
AF Output
Distortion
Input signal conditions
s CDALA10M7GA048-B0
Test Circuit
3.3
µ
LA1835 (SANYO)
VCC(7V)
Vt
AFC
47n
+
+
15k
300
47n
75
IF-IN
0.047
µ
0.047
µ
10
µ
10
µ
10
µ
0.47
µ
1
µ
10
µ
10
µ
1
µ
CSBLA456KE2ZF15
33n
1500p
33n
REG.
1k 1k
3k
Lch
Rch
20k
CDALA10M7GA048
5k
L. P. F.
L. P. F.
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
+
+
+
+
+ +
Unit
R :
C : F
Frequency Characteristics
0.1
1
10
1
10
100
500
10.6
10.5
10.7
10.8
10.9
11.0
10.4
Frequency (MHz)
Input Level
Mod. Freq.
Freq.Dev.
112dB
µ
1000Hz
±75kHz
Input signal conditions
Distortion
AF Output
s CDALA10M7GA092-B0
Test Circuit
TA2132P(TOSHIBA)
+
DC OUT
AF OUT
Vcc(3.0V)
IF-IN
+
CDALA10M7GZ092-B0
+
2.2
µ
16
1
15
2
14
3
13
4
12
5
11
6
10
7
9
8
Unit
R :
C : F
Frequency Characteristics
10
1
0.1
10
100
500
1
Frequency (MHz)
10.5
10.4
10.6
10.7
10.8
10.9
11.0
AF Output
Distortion
Input signal conditions
Input Level
80dB
µ
Mod.Freq.
1000Hz
Freq.Dev.
±22.5kHz
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com