Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF03N0R5A6R3CG Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RF03N0R5A6R3CG
Description  High Q and low ESR performance at high frequency
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RF03N0R5A6R3CG Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RF03N0R5A6R3CG Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5A6R3CG Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5A6R3CG Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5A6R3CG Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5A6R3CG Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5A6R3CG Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5A6R3CG Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5A6R3CG Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5A6R3CG Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 16
ASC_Ultra HQ_Low ESR_(RF)_014AD_AS
Jul. 2019
5. EXTERNAL DIMENSIONS
6. GENERAL ELECTRICAL DATA
Dielectric
NP0
Size
01005, 0201, 0402, 0505, 0603, 0805, 1111
Capacitance*
0.1pF to 1000pF
Capacitance tolerance
Cap
≤5pF: A (±0.05pF ), B (±0.1pF), C (±0.25pF)
5pF<Cap<10pF: B (±0.1pF), C (±0.25pF), D (±0.5pF)
Cap
≥10pF: F (±1%), G (±2%), J (±5%)
Rated voltage (WVDC)
6.3V, 10V, 25V, 50V, 100V, 200V, 250V, 500V, 1500V
Q*
01005, 0201, 0402/25V~50V: Cap<30pF:Q
≥400+20C; Cap≥30pF:Q≥1000
0402/100V~200V, 0603, 0805, 0505, 1111: Cap<30pF:Q
≥800+20C; Cap≥30pF:Q≥1400
Insulation resistance at Ur
≥10G or RxC≥100 -F whichever is smaller.
Operating temperature
-55 to +125°C
Capacitance change
±30ppm/°C
Termination
Ni/Sn (lead-free termination)
* Measured at the conditions of 25°C ambient temper ature and 30~70% related humidity.
Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap
≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF.
7. PACKAGING DIMENSION AND QUANTITY
Size
Thickness (mm)/Symbol
Paper tape
7” reel
13” reel
01005 (0402)
0.20±0.02
V
20,000
-
0201 (0603)
0.30±0.03
L
15,000
70,000
0402 (1005)
0.50±0.05
N
10,000
50,000
0603 (1608)
0.80±0.07
S
4,000
15,000
0.50±0.10
H
4,000
-
0805 (2012)
0.60±0.10
A
4,000
15,000
0.85±0.10
T
4,000
15,000
Size
Thickness (mm)/Symbol
Plastic tape
7” reel
13” reel
0505 (1414)
1.15±0.15
J
3,000
-
1111 (2828)
≤ 1.78
G
2,000
-
Unit: pieces
T
W
L
MB
MB
Fig. 1 The outline of MLCC
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
Remark
MB (mm)
01005 (0402)
0.40±0.02
0.20±0.02
0.20±0.02
V
#
0.10±0.03
0201 (0603)
0.60±0.03
0.30±0.03
0.30±0.03
L
#
0.15±0.05
0402 (1005)
1.00±0.05
0.50±0.05
0.50±0.05
N
#
0.25+0.05/-0.10
0603 (1608)
1.60±0.10
0.80±0.10
0.80±0.07
S
0.40±0.15
1.60
+0.15/-0.10
0.80
+0.15/-0.10
0.50±0.10
H
0805 (2012)
2.00±0.15
1.25±0.10
0.60±0.10
A
0.50±0.20
2.00±0.20
1.25±0.20
0.85±0.10
T
0505 (1414)
1.40
+0.38/-0.25
1.40±0.38
1.15±0.15
J
#
0.25+0.25/-0.13
1111 (2828)
2.79
+0.51/-0.25
2.79±0.38
≤ 1.78
G
#
0.38±0.25
# Reflow soldering only is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com