Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFECS10M7GA00-R0 Datasheet(PDF) 41 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7GA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7GA00-R0 Datasheet(HTML) 41 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7GA00-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
40
11
Continued from the preceding page.
s CDACV10M7GA069-R0
Test Circuit
16
CXA1538N
10
µ
1
µ
0.022
µ
0.01
µ
0.01
µ 0.01µ
100
µ
0.022
µ
3.3
µ
0.01
µ
10
µ
2.2k
3.3k
3.3k
100
VCC (3V)
14
12
4
1
30
25
26
27
28
29
+
+
+
+
+
+
+
+
CDACV10M7GZ069-B0
AF OUT
VCC (3V)
AFC
Reg
22
21
20
18
19
23
24
17
3
2
5
6
8
7
9
10
IF IN
11
15
13
Unit
R :
C : F
Frequency Characteristics
1
0.1
10
10
100
100
1000
1
Frequency (MHz)
10.5
10.4
10.6
10.7
10.8
10.9
11.0
AF Output
Distortion
Input signal conditions
Input Level
100dB
µ
Mod.Freq.
1000Hz
Freq.Dev.
±75kHz
s CDACV10M7CA001-R0
Test Circuit
CX20091 (SONY)
INPUT
AFC OUT
REG OUT
AF OUT
Vcc 3V
S.S.G.(Rg=50)
+
+
CDACV10M7CZ001-B0
+
+
+
28
27
26
25
24
23
22
21
20
19
18
17
16
15
2
3
4
5
6
7
8
9
10
11
12
13
14
1
Unit
R :
C : F
Frequency Characteristics
10
10
1
0.1
10
100
1000
1
Frequency (MHz)
10.5
10.4
10.6
10.7
10.8
10.9
11.0
AF Output
Distortion
Input signal conditions
Input Level
100dB
µ
Mod.Freq.
1000Hz
Freq.Dev.
±22.5kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com