Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3M40KX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # S3M40KX
Description  SmartOnline S3MX Series 3-Phase 380/400/415V 40kVA 36kW On-Line Double-Conversion UPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

S3M40KX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  S3M40KX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved S3M40KX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved S3M40KX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved S3M40KX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved S3M40KX Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Network Management Card Offers Remote Monitoring and Control
The optional Java-free WEBCARDLX network management card (sold separately) enables remote
management through embedded HTML5 web, SSH/telnet and SNMP interfaces, as well as integration
with a wide range of network management systems and DCIM platforms. A Remote Emergency Power Off
(REPO) port allows shutdown from a safe distance during emergencies.
Parallel Capability Provides Additional Capacity
Connect up to three S3M40KX units in parallel using separate/shared battery cabinets for increased
capacity.
2-Year Warranty Provides Peace of Mind
The S3M40KX is backed by a 2-year warranty, ensuring reliability and performance.
OVERVIEW
UPC Code
037332225399
OUTPUT
Output Volt Amp Capacity (VA)
40000
Output kVA Capacity (kVA)
40.00
Output Watt Capacity (Watts)
36000
Output kW Capacity (kW)
36.00
Output Capacity Details
Supports up to 100% load continuously in double conversion mode; Supports 100-110% load for 10 minutes, 110 to
130% load for 1 minute and greater than 130% for 1 second before switching to bypass mode; Inverter mode is
automatically restored as load levels are reduced to less than 70%; Configuration options support up to 3 S3M30KX
systems wired in parallel for increased capacity or fault-tolerant, redundant operation
Power Factor
0,9
Crest Factor
3:1
Nominal Output Voltage(s)
Supported
220/380V 3-PH Wye; 230/400V 3-PH Wye; 240/415V 3-PH Wye
Frequency Compatibility
50 / 60 Hz; Supports 50 to 60 Hz and 60 to 50 Hz conversion
Frequency Compatibility Details
Automatic frequency selection
Output Voltage Regulation (Line
Mode)
+/- 1%
Output Voltage Regulation
(Economy Line Mode)
+/-11V of nominal
Output Voltage Regulation (Battery
Mode)
+/- 1%
Output Receptacles
Hardwire
Output AC Waveform (AC Mode)
Pure Sine wave
Output AC Waveform (Battery
Mode)
Pure Sine wave
Individually Controllable Load Banks
No
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com