Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222AS Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # 2N2222AS
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AS Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  2N2222AS Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 3Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 4Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 5Page - First Silicon Co., Ltd 2N2222AS Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
I
C , COLLECTOR CURRENT (mA)
Figure 11. “On” Voltages
I
C , COLLECTOR CURRENT (mA)
Figure 12. Temperature Coefficients
T
J = 25°C
R
θ
VC for V CE(sat)
V
BE(sat) @ I C /I B =10
V
CE(sat) @ I C /I B =10
V
BE(on) @ V CE =10 V
R
θ
VB for V BE
0.1 0.2
0.5 1.0 2.0
5.0 10 20
50 100 200
500 1.0k
10
0.8
0.6
0.4
0.2
0
+0.5
0
– 0.5
–1.0
–1.5
–2.0
– 2.5
0.1 0.2
0 5 1.0 2.0
5.0
10
20
50
100 200
500
1.0 V
2011. 12, 06
5/6
Revision No : 2
2N2222AS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com