Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBM3232AS Datasheet(PDF) 9 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM3232AS
Description  OPERATION INSTRUCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM3232AS Datasheet(HTML) 9 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM3232AS Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 13Page - COREBAI Microelectronics (Beijing) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
www.corebai.com
CBM3232AS
OPERATION INSTRUCTION
Fig. 1 ESD Test Circuit for Human Body Model
The Contact Discharge Method applies the ESD current directly to the EUT. This method was
devised to reduce the unpredictability of the ESD arc. The discharge current rise time is constant
since the energy is directly transferred without the air-gap arc. In situations such as hand held
systems, the ESD charge can be directly discharged to the equipment from a person already
holding the equipment. The current is transferred on to the keypad or the serial port of the
equipment directly and then travels through the PCB and finally to the IC.
The circuit models in Figures 1 and 2 represent the typical ESD testing circuits used for these
methods. The CS is initially charged with the DC power supply when the first switch (SW1) is on.
Now that the capacitor is charged, the second switch (SW2) is on while SW1 switches off. The
voltage stored in the capacitor is then applied through RS, the current limiting resistor, onto the
device under test (DUT). In ESD tests, the SW2 switch is pulsed so that the device under test
receives a duration of voltage.
Fig. 2. ESD Test Circuit for IEC1000-4-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com