Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC10120 Datasheet(PDF) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SC10120
Description  SILICON CARBIDE SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SC10120 Datasheet(HTML) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

  SC10120 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SC10120 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SC10120 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. SC10120 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. SC10120 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd. SC10120 Datasheet HTML 6Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTCS(TA=25°C Unless otherwise noted)
RATINGS AND CHARACTERISTIC OF SC10120XX
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
DC blocking voltage
V
D C
Tj=25...175℃
1200
V
Diode forward voltage
V
F
IF= 10A
Tj=25℃
IF= 10A
Tj= 125℃
IF= 10A
Tj= 175℃
1.7
2. 3
2. 8
1.9
2.5
3. 2
V
Reverse current
I
R
VR=1200V Tj=25℃
VR= 1200V Tj= 125℃
VR= 1200V Tj= 175℃
20
100
200
uA
Parameter
Symbol
conditions
Value
Unit
min
typ
max
Total capacitive charge
Qc
VR=1200V,IF=5A
di/dt=200A/uS
Tj=25℃
30
nC
Total capacitance
C
V =0V,f=1MHz
R
V =400V,f=1MHz
R
V =800V,f=1MHz
R
Tj=25℃
650
49
40
pF
DYNAMIC CHARACTERISTICS(at Tj= 25℃,unless otherwise specified)
JINAN JINGHENG ELECTRONICS
CO., LTD.
HTTP
://WWW.JINGHENG.CN
6-3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com