Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC10120D2 Datasheet(PDF) 5 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SC10120D2
Description  SILICON CARBIDE SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SC10120D2 Datasheet(HTML) 5 Page - Jinan Jing Heng Electronics Co., Ltd.

  SC10120D2 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SC10120D2 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SC10120D2 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. SC10120D2 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. SC10120D2 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd. SC10120D2 Datasheet HTML 6Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE OUTLINE DIMENSIONS
JINAN JINGHENG ELECTRONICS
CO., LTD.
HTTP
://WWW.JINGHENG.CN
6-5
Dimensions in inches and (millimeters)
TO-220AC
1.161(29.50)
0.159(4.05)
0.208(5.28)
0.037(0.94)
0.113(2.88)
0.161(4.10)
0.610(15.50)
0.114(2.90)
0.055(1.39)
0.185(4.70)
0.283(7.20)
0.560(14.22)
0.023(0.58)
1.106(28.10)
0.140(3.55)
0.192(4.88)
0.027(0.68)
0.102(2.60)
0.147(3.74)
DIA
0.571(14.50)
0.098(2.50)
0.045(1.14)
0.175(4.44)
0.244(6.20)
0.512(13.00)
0.014(0.35)
0.053(1.34)
0.047(1.20)
PIN
1
2
0.388(9.85)
0.410(10.42)
Dimensions in inches and (millimeters)
ITO-220AC
0.646(16.40)
0.104(2.64)
0.037(0.93)
0.136(3.45)
0.132(3.45)
0.114(2.90)
0.192(4.89)
0.270(6.85)
0.531(13.50)
0.606(15.40)
0.096(2.44)
0.026(0.67)
0.120(3.05)
0.124(3.15)
DIA
0.984(2.50)
0.177(4.49)
0.254(6.45)
0.492(12.50)
0.113(2.88)
0.090(2.28)
0.410(10.41)
0.390(9.91)
0.025(0.63)
0.015(0.37)
0.056(1.43)
0.043(1.10)
45.0°
0.104(2.64)
0.096(2.44)
0.190(4.83)
1
2
K
0.380(9.65)
0.420(10.67)
0.245(6.22)
MIN
0.560(14.22)
0.639(16.22)
0.027(0.69)
0.037(0.94)
0.095(2.41)
0.083(2.10)
0.320(8.13)
0.360(9.14)
0.090(2.29)
0.131(3.32)
0.134(3.40)
0.105(2.67)
0.018(0.46)
0.014(0.35)
0.045(1.14)
0.055(1.40)
0.036(0.92)
0.066(1.68)
0.160(4.06)
0.047(1.20)
0.053(1.34)
TO-263
1
2
K
0.265(6.73)
0.244(6.20)
0.403(10.24)
0.354(9.00)
0.245(6.22)
0.220(5.60)
0.026(0.66)
0.018(0.46)
0.215(5.46)
0.205(5.21)
0.104(2.65)
0.085(2.15)
0.023(0.58)
0.017(0.42)
0.050(1.27)
0.035(0.88)
0.023(0.58)
0.017(0.42)
0.039(1.00)
MIN.
0.084(2.14)
0.094(2.40)
TO-252
0.42(10.67)MIN
0.095(2.41)
0.083(2.10)
0.08(1.032)MIN
0.15(3.81)MIN
Suggested Pad Layout
(TO-263)
0.265(6.73)MIN
0.094(2.40)
0.084(2.14)
0.08(1.032)MIN
0.080(2.00)MIN
Suggested Pad Layout
(TO-252)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com