Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2065PT Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SC2065PT
Description  Silicon Carbide Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SC2065PT Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  SC2065PT Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SC2065PT Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SC2065PT Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. SC2065PT Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. SC2065PT Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAXIMUM RATINGS
(Ratings at 25℃ ambient temperature unless otherwise specified )
Parameter
Symbol
Value(leg/device)
Unit
Maximum repetitive peak reverse voltage
V
R R M
650
V
Continuous Forward Current for Rth
( j - c )
I
F
10/20(T ≤140℃ )
C
A
Non-Repetitive Forward Surge Current
(Half-Sine Pulse,tp=8.3mS)
I
F, S M
75/ 150(Tc=25℃)
60/120(Tc=150℃)
A
2
I t value
2
∫i t
23/92(Tc=25℃ )
15/60(Tc=150℃ )
2
A S
Diode dv/dt ruggedness(VR=0...960V)
dv/dt
80
V/nS
Power dissipation for R
(Tc=25℃)
t h ( j - c , m a x )
P
t o t
150/180
W
Operating junction temperature range
Tj
-55...175
℃
Storage temperature range
Tstg
-55...175
℃
RATINGS AND CHARACTERISTIC OF SC2065PT
THERMAL CHARACTERISTCS(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Value(leg/device)
Unit
Typ
Max
Diode thermal resistance
junction-case
R
t h ( j - c )
0.8/0.6
1.0/0.8
K/W
JINAN JINGHENG ELECTRONICS
CO., LTD.
HTTP
://WWW.JINGHENG.CN
5-2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com