Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBM8564ATS14 Datasheet(PDF) 9 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8564ATS14
Description  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8564ATS14 Datasheet(HTML) 9 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM8564ATS14 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564ATS14 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564ATS14 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564ATS14 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564ATS14 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564ATS14 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564ATS14 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564ATS14 Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564ATS14 Datasheet HTML 13Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
www.corebai.com
CBM8561-CBM8562-CBM8564
OPERATION INSTRUCTION
APPLICATION NOTES
The CBM8561, CBM8562, CBM8564 series op
amps are unity-gain stable and free from unexpected
output phase reversal. They use auto-zeroing
techniques to provide low offset voltage and very low
drift over time and temperature.
Good layout practice mandates use of a 0.1μF
capacitor placed closely across the supply pins.
For
lowest
offset
voltage
and
precision
performance,
circuit
layout
and
mechanical
conditions should be optimized. Avoid temperature
gradients that create thermoelectric (Seebeck) effects
in thermocouple junctions formed from connecting
dissimilar conductors. These thermally-generated
potentials can be made to cancel by assuring that
they are equal on both input terminals.
Use low thermoelectric-coefficient connections
(avoid dissimilar metals).
Thermally isolate components from power
supplies or other heat-sources.
Shield op amp and input circuitry from air
currents, such as cooling fans.
Following these guidelines will reduce the
likelihood
of
junctions
being
at
different
temperatures, which can cause thermoelectric
voltages of 0.1μV/°C or higher, depending on
materials used.
OPERATING VOLTAGE
The CBM8561, CBM8562, CBM8564 series op
amps operate over a power-supply range of +2.9V to
+5.5V (±1.45V to ±2.75V). Supply voltages higher
than 7V (absolute maximum) can permanently
damage the amplifier. Parameters that vary over
supply voltage or temperature are shown in the
Typical Characteristics section of this data sheet.
LAYOUT GUIDELINES
Attention to good layout practices is always
recommended. Keep traces short. When possible, use
a PCB ground plane with surface-mount components
placed as close to the device pins as possible. Place a
0.1μF capacitor closely across the supply pins. These
guidelines should be applied throughout the analog
circuit to improve performance and provide benefits
such
as
reducing
the
EMI
(electromagnetic-interference) susceptibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com