Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL56 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # QL56
Description  QL56 Series Luminescence Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QL56 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  QL56 Datasheet HTML 1Page - Banner Engineering Corp. QL56 Datasheet HTML 2Page - Banner Engineering Corp. QL56 Datasheet HTML 3Page - Banner Engineering Corp. QL56 Datasheet HTML 4Page - Banner Engineering Corp. QL56 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
High-performance Luminescence Sensor
To view or download the latest technical information about this product, including specifications, dimensions, accessories,
and wiring, see http://www.bannerengineering.com.
•
Senses luminescent marks, even on luminescent backgrounds and irregular or
reflective surfaces
•
High-power UV emission and a line of structured light provide a uniform and
consistent beam for improved sensitivity
•
Fast switching frequency and response time
•
Push button programming for easy setup and clear bargraph indicator
•
Choice of operating distance depending on model
•
Durable, compact aluminum housing
•
Bipolar (1 NPN and 1 PNP) output, plus 0.75 to 5.5V dc analog output
•
5-position swivel QD connector
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
Models
Model
Operating Distance
Sensor Performance
Cable / Connector
Outputs
QL56M6XD15BQ
10 to 20 mm (0.39 in
to 0.79 in)
120%
100%
80%
60%
40%
20%
0%
5 mm
15 mm
25 mm
35 mm
Sensing Distance
Integral 5-pin M12/
Euro-style male
quick disconnect
(QD)
One NPN and PNP
discrete plus one
0.75 to 5.5 V dc
analog
QL56M6XD30BQ
20 to 40 mm (0.79 in
to 1.57 in)
60%
50%
40%
30%
20%
10%
0%
5 mm
15 mm 25 mm 35 mm 45 mm 55 mm
Sensing Distance
QL56M6XD40BQ
30 to 50 mm (1.18 in
to 1.97 in)
40%
35%
30%
25%
0%
20 mm 25 mm 30 mm 35 mm 40 mm 45 mm 50 mm 55 mm 60 mm
Sensing Distance
QL56 Series Luminescence Sensor
Original Document
142396 Rev. D
28 September 2015
142396


Similar Part No. - QL56

ManufacturerPart #DatasheetDescription
logo
QANTEK Technology Corpo...
QL5 QANTEK-QL5 Datasheet
253Kb / 2P
QL5 Series
logo
Anshan Suly Electronics
QL5-300KV-3.0A ANSHAN-QL5-300KV-3.0A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-300KV-5.0A ANSHAN-QL5-300KV-5.0A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-300KV5.0A ANSHAN-QL5-300KV5.0A Datasheet
188Kb / 2P
High voltage bridge rectifier QL5~300KV/5.0A QL5~300KV/5.0A QL5~300KV/5.0A QL5~300KV/5.0A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-400KV-2.0A ANSHAN-QL5-400KV-2.0A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
More results

Similar Description - QL56

ManufacturerPart #DatasheetDescription
logo
SICK AG
LUT1B-31325 SICK-LUT1B-31325 Datasheet
1Mb / 8P
LUMINESCENCE SENSORS
LUT1U-11331 SICK-LUT1U-11331 Datasheet
1Mb / 8P
LUMINESCENCE SENSORS
LUT3-610 SICK-LUT3-610 Datasheet
1Mb / 8P
LUMINESCENCE SENSORS
LUT3-853 SICK-LUT3-853 Datasheet
1Mb / 7P
LUMINESCENCE SENSORS
LUT3-950 SICK-LUT3-950 Datasheet
1Mb / 7P
LUMINESCENCE SENSORS
LUT8U-11201 SICK-LUT8U-11201 Datasheet
1Mb / 8P
LUMINESCENCE SENSORS
LUT8U-11301 SICK-LUT8U-11301 Datasheet
1Mb / 8P
LUMINESCENCE SENSORS
LUT8U-11701 SICK-LUT8U-11701 Datasheet
1Mb / 8P
LUMINESCENCE SENSORS
LUTM-UP817A2P SICK-LUTM-UP817A2P Datasheet
2Mb / 9P
LUMINESCENCE SENSORS
logo
Banner Engineering Corp...
Q26 BANNER-Q26_V01 Datasheet
413Kb / 6P
Q26 Luminescence Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com