Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX3 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LX3
Description  LX Series Part-Sensing Light Screen
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LX3 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LX3 Datasheet HTML 1Page - Banner Engineering Corp. LX3 Datasheet HTML 2Page - Banner Engineering Corp. LX3 Datasheet HTML 3Page - Banner Engineering Corp. LX3 Datasheet HTML 4Page - Banner Engineering Corp. LX3 Datasheet HTML 5Page - Banner Engineering Corp. LX3 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Theory of Operation
The LX Series light screen sensing system consists of two self-
contained units: an emitter and a receiver of equal size and
sensing range. The emitter has multiple infrared LEDs spaced at
9.5 mm (0.38 in) increments, and the receiver has corresponding
photodiodes. The emitter sequentially fires each infrared LED.
Multiple photodiodes in the receiver recognize each of the
emitted pulses; the result is a “cross-hatched” optical pattern.
Optical synchronization enables the receiver to recognize light
from each of the emitter LEDs.
The optical crosshatch pattern enables the LX system to detect
targets of very small diameter, and extremely thin, flat objects—
as thin as a piece of paper or an envelope. For small diameter
objects, the sensing resolution is less effective at the exact center
(see the minimum object detection size specification) of the
sensing range and at the extreme edges of the pattern (close to
the emitter and receiver faces); sensing should take place within
the center 80 percent of the range, as shown.
Emitter
Receiver
Sensing is most effective in the
center 80% of the sensing range
Figure 1. LX Series optical crosshatch pattern
LX Series sensors are available in two ranges: short and standard. Short-range emitters and receivers may be located as close together
as 75 mm (3 in), with a maximum separation of 200 mm (8 in). Standard-range sensors may be separated 150 mm to 2 m (6 in to 6.5
ft) apart. Both emitter and receiver must be either short-range or standard models, of the same length. Detection sensitivity varies
somewhat, depending on the distance between the sensors and the position of the target object.
For closer-range applications, the working range of any sensor pair can be reduced by connecting the sensor’s Select wire to 0 to 2 V
dc (see the sensing range specification).
The receiver output interfaces directly with dc loads or circuits up to 30V dc, and offers both sinking (NPN) and sourcing (PNP) output
transistors. Outputs conduct whenever a beam is broken. A 5 millisecond pulse stretcher (OFF-delay) is included to improve
interfacing reliability.
Typical Applications
Typical applications for the LX Series include parts ejection verification and package detection on a conveyor.
Installation and Alignment
Reliable performance of the LX series light screen systems requires a simple alignment process. Mount the sensor in a location as free
from vibration as possible.
Sensors may be mounted using the accessory brackets (available separately) or using the T-slots in the sensor housings. After
mechanical alignment is completed, the sensors can be wired and power applied.
1. Loosely mount the emitter and receiver at their operating locations with their front panels opposite each other, and at
approximately the same level.
2. Adjust the emitter position until the receiver detects alignment (the yellow LED turns OFF). For best alignment, position the
emitter in the middle of the positions that cause a clear receiver condition.
3. Tighten the bracket hardware.
4. Position a pencil or similar object within the sensing area to verify that it can be reliably detected throughout the sensing area.
LX Series Part-Sensing Light Screen
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 108865 rev. E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com