Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC1 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SLC1
Description  C-GAGE SLC1 Series Label Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLC1 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SLC1 Datasheet HTML 1Page - Banner Engineering Corp. SLC1 Datasheet HTML 2Page - Banner Engineering Corp. SLC1 Datasheet HTML 3Page - Banner Engineering Corp. SLC1 Datasheet HTML 4Page - Banner Engineering Corp. SLC1 Datasheet HTML 5Page - Banner Engineering Corp. SLC1 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Reset Procedure
Figure 4. For best repeatability, align the labels' flat sides between
the sensor's web alignment guides
Resets are performed at startup, when changing label
types, or in response to an internal error indication.
To reset, turn the SLC1's power ON or cycle the power OFF
for 1 second or longer and then ON again.
The SLC1 may also be reset using the sensor’s gray wire.
To do so, toggle the gray wire to the opposite polarity for
>100 ms. Again, the sensor automatically adjusts to the
current sensing conditions after the passing of four labels or
250 ms, whichever is greater.
LED Behavior
The SLC1 Series sensor has one green LED and one amber LED:
Green LED
Amber LED
Description
Solid
Power to sensor is ON
Flashing at 4 Hz
Output is overloaded
Solid
NPN and PNP outputs are ON
Flashing alternatively at 1 Hz
Internal error; reset sensor. Internal errors are caused by several factors:
•
Moisture in the sensing slot
•
Extreme and prolonged web flutter
•
Label jams (labels touching both the top and the bottom sensor
forks)
If an internal error occurs, correct its cause and perform a reset (cycle the
sensor power OFF for at least 1 second and ON again or toggle the gray
wire to the opposite polarity for >100 milliseconds).
Maintenance
The SLC1 Series sensor may be disassembled for periodic cleaning, as needed. Use a 7/64" hex key to remove the four
screws at the bottom and remove the bottom fork for cleaning. Clean the fork surfaces with a mild solvent, such as
isopropyl alcohol, taking care to avoid the clear indicator light window.
Repairs
Contact Banner Engineering for troubleshooting of this device. Do not attempt any repairs to this Banner device; it
contains no field-replaceable parts or components. If the device, device part, or device component is determined to
be defective by a Banner Applications Engineer, they will advise you of Banner's RMA (Return Merchandise Authorization)
procedure.
Important: If instructed to return the device, pack it with care. Damage that occurs in return shipping
is not covered by warranty.
C-GAGE SLC1 Series Label Sensor
P/N 59369 Rev. B
www.bannerengineering.com - tel: 763-544-3164
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com