Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLM Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # SLM
Description  SLM Series Slot Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLM Datasheet(HTML) 5 Page - Banner Engineering Corp.

  SLM Datasheet HTML 1Page - Banner Engineering Corp. SLM Datasheet HTML 2Page - Banner Engineering Corp. SLM Datasheet HTML 3Page - Banner Engineering Corp. SLM Datasheet HTML 4Page - Banner Engineering Corp. SLM Datasheet HTML 5Page - Banner Engineering Corp. SLM Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Accessories
3-Pin Threaded M8/Pico-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
PKG3M-2
2 m (6.56 ft)
Straight
ø 9.5
35 Typ.
M8 x 1
4
3
1
1 = Brown
3 = Blue
4 = Black
PKG3M-5
5 m (16.40 ft)
PKG3M-7
7 m (22.97 ft)
PKG3M-9
9 m (29.53 ft)
PKG3M-10
10 m (32.81 ft)
PKW3M-2
2 m (6.56 ft)
Right-Angle
ø 9.5
28 Typ.
20 Typ.
M8 x 1
PKW3M-5
5 m (16.40 ft)
PKW3M-9
9 m (29.53 ft)
3-Pin Snap/Pico-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
PKG3Z-2
2 m (6.56 ft)
Straight
28 mm max.
(1.1")
ø 10 mm max.
(0.4")
4
3
1
1 = Brown
3 = Blue
4 = Black
PKW3-2
2 m (6.56 ft)
Right-Angle
20 mm
(0.8")
25 mm max.
(1.0")
ø 12 mm max.
(0.5")
4-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
SLM Series Slot Sensors
P/N 122703 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com