| Electronic Components Datasheet Search |
|
R58ECRGB1Q8. Datasheet(PDF) 8 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
R58ECRGB1Q8. Datasheet(HTML) 8 Page - Banner Engineering Corp. |
|
8 / 11 page ![]() 2. Select the LO/DO and Delay settings. Method Action Result Push Button a. Release the buttons. b. Click Static (-) or Dynamic (+) to toggle between choices: • Dynamic (+)—increment • Static (-)—decrement a. The sensor is ready to select a new setting combination. b. Sensor steps between LO/DO and Delay setting combinations, as shown Figure 7 on page 7. Remote Input a. Wait > 8 seconds. b. Enter sequential pulses to toggle between choices: • Single-pulse—increment • Double-pulse—decrement b. T or T T T Note: There is a LO/DO settings shortcut using the remote input. From Run mode, triple-pulse the remote line. The sensor toggles between LO/DO settings on-the-fly, and continues in Run mode. 3. Enter the sensing beam color select mode from Setup mode. Method Action Result Push Button From Setup mode, press and hold Dynamic (+) > 2 seconds. The sensor displays the currently selected sensing beam color combinations, as shown Figure 8 on page 7. The visible sensing beam also provides indication of enabled sensing beam color(s). Remote Input From Setup mode, four pulse the remote input. T T T T T T T 4. Enable/Disable sensing beam colors. Method Action Result Push Button Click Static (-) or Dynamic (+) to toggle between choices: • Dynamic (+)—increment • Static (-)—decrement The sensor steps between the possible sensing beam color combinations, as shown in Figure 8 on page 7.8 The visible sensing beam also provides indication of enabled sensing beam color(s). Remote Input Enter sequential pulses to toggle between choices: • Single-pulse—increment • Double-pulse—decrement T or T T T 5. Return to Run mode. Method Action Result Push Button a. Press and hold Static (-) for > 2 seconds to return to Setup mode. b. Press and hold both push buttons > 2 seconds to return to Run mode OR wait > 60 seconds. The sensor returns to Run mode with new settings. These steps return to Run mode from both Setup modes. Remote Input a. Four-pulse the remote line to return to Setup mode. b. Hold the remote line low > 2 seconds to return to Run mode OR wait >60 seconds. a. T T T T T T T b. 8 If the new color setting has only one sensing beam color enabled, the sensor will switch to that color for sensing. If the new color setting has multiple sensing beam colors enabled, the sensor will use the color that was active prior to configuration; following the next TEACH procedure, it will select the enabled sensing beam color that has the greatest contrast. R58E Series Expert™ Registration Mark Sensors 8 www.bannerengineering.com - Tel: +1-763-544-3164 P/N 122928 Rev. D |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |