Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR33B565JB Datasheet(PDF) 20 Page - Kemet Corporation

Part # CSR33B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR33B565JB Datasheet(HTML) 20 Page - Kemet Corporation

Back Button CSR33B565JB Datasheet HTML 16Page - Kemet Corporation CSR33B565JB Datasheet HTML 17Page - Kemet Corporation CSR33B565JB Datasheet HTML 18Page - Kemet Corporation CSR33B565JB Datasheet HTML 19Page - Kemet Corporation CSR33B565JB Datasheet HTML 20Page - Kemet Corporation CSR33B565JB Datasheet HTML 21Page - Kemet Corporation CSR33B565JB Datasheet HTML 22Page - Kemet Corporation CSR33B565JB Datasheet HTML 23Page - Kemet Corporation CSR33B565JB Datasheet HTML 24Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
KEMET T111 SERIES
MIL-C-39003 (CSR91) CAPACITORS
DASH NUMBER REFERENCE
MAX.
FAILURE RATE LEVEL (%/1000 HRS.)
DISSI-
D.C.
PATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01)
(0.001)
(0.1)
(0.01)
(0.001)
PART NUMBER
6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C
2.8
A
10
T111A285K006AS
0.3
4
0221 0441 0661 0881 3001 4001 5001 T213A285K006(1)S
3.4
A
10
T111A345K006AS
0.3
6
0222 0442 0662 0882 3002 4002 5002 T213A345K006(1)S
3.4
A
20
T111A345M006AS
0.3
6
0223 0443 0663 0883 3003 4003 5003 T213A345M006(1)S
23.0
B
10
T111B236K006AS
1.5
6
0224 0444 0664 0884 3004 4004 5004 T213B236K006(1)S
23.0
B
20
T111B236M006AS
1.5
6
0225 0445 0665 0885 3005 4005 5005 T213B236M006(1)S
28.0
B
10
T111B286K006AS
1.5
6
0226 0446 0666 0886 3006 4006 5006 T213B286K006(1)S
75.0
C
10
T111C756K006AS
4.5
6
0227 0447 0667 0887 3007 4007 5007 T213C756K006(1)S
75.0
C
20
T111C756M006AS
4.5
6
0228 0448 0668 0888 3008 4008 5008 T213C756M006(1)S
90.0
C
10
T111C906K006AS
4.5
6
0229 0449 0669 0889 3009 4009 5009 T213C906K006(1)S
90.0
C
20
T111C906M006AS
5.5
6
0230 0450 0670 0890
T213C906M006(1)S
130.0
D
10
T111D137K006AS
6.0
8
0231 0451 0671 0891 3010 4010 5010 T213D137K006(1)S
130.0
D
20
T111D137M006AS
6.0
8
0232 0452 0672 0892
T213D137M006(1)S
160.0
D
10
T111D167K006AS
7.5
8
0233 0453 0673 0893 3011 4011 5011 T213D167K006(1)S
160.0
D
20
T111D167M006AS
7.5
8
0234 0454 0674 0894 3012 4012 5012 T213D167M006(1)S
10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C
1.9
A
10
T111A195K010AS
0.3
4
0235 0455 0675 0895 3013 4013 5013 T213A195K010(1)S
2.3
A
10
T111A235K010AS
0.4
4
0236 0456 0676 0896 3014 4014 5014 T213A235K010(1)S
2.3
A
20
T111A235M010AS
0.4
4
0237 0457 0677 0897 3015 4015 5015 T213A235M010(1)S
13.0
B
10
T111B136K010AS
2.0
6
0238 0458 0678 0898 3016 4016 5016 T213B136K010(1)S
16.0
B
10
T111B166K010AS
2.0
6
0239 0459 0679 0899 3017 4017 5017 T213B166K010(1)S
16.0
B
20
T111B166M010AS
2.0
6
0240 0460 0680 0900 3018 4018 5018 T213B166M010(1)S
19.0
B
10
T111B196K010AS
2.0
6
0241 0461 0681 0901 3019 4019 5019 T213B196K010(1)S
41.0
C
10
T111C416K010AS
3.0
6
0242 0462 0682 0902 3020 4020 5020 T213C416K010(1)S
50.0
C
10
T111C506K010AS
5.0
6
0243 0463 0683 0903 3021 4021 5021 T213C506K010(1)S
50.0
C
20
T111C506M010AS
5.0
6
0244 0464 0684 0904 3022 4022 5022 T213C506M010(1)S
60.0
C
10
T111C606K010AS
6.0
6
0245 0465 0685 0905 3023 4023 5023 T213C606K010(1)S
60.0
C
20
T111C606M010AS
6.0
6
0246 0466 0686 0906
T213C606M010(1)S
90.0
D
10
T111D906K010AS
9.0
6
0247 0467 0687 0907 3024 4024 5024 T213D906K010(1)S
110.0
D
10
T111D117K010AS
10.0
8
0248 0468 0688 0908 3025 4025 5025 T213D117K010(1)S
110.0
D
20
T111D117M010AS
10.0
8
0249 0469 0689 0909 3026 4026 5026 T213D117M010(1)S
®
KEMET
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-C-39003
T111 SERIES — NON-POLAR & T213 (CSR91)
20
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
Primarily designed for use in tuned low frequency circuits, phasing low
voltage AC motors, servo systems and other applications where rever-
sal of polarity is a primary consideration. The T111 unit consists of two
polar T110 Series hermetically sealed tantalum capacitors, electrically
and mechanically connected back-to-back and supported by an outer
corrosion-resistant metal sleeve. They exhibit comparable electrical
and performance characteristics of T110 Series. Available in capaci-
tance values ranging from .0023 to 160 µF in ±20%, ±10%, and ±5%
tolerances in working voltages from 6 to 100 VDC at +85°C. Also, the
following table includes M39003/4 QPL Product.
CAPACITOR OUTLINE DRAWINGS
DIMENSIONS — INCHES & (MILLIMETERS)
UNINSULATED
INSULATED
BD
L
D
L
C
CASE
±0.002 (±.05)
±0.010 (±.25)
±0.031 (±.79)
±0.010 (+.25)
±0.031 (±.79)
MAX.
SIZE
-0.015 (-.38)
A
0.020 (.51)
0.147 (3.73)
0.565 (14.35)
0.161 (4.09)
0.575 (14.61)
0.750 (19.05)
B
0.020 (.51)
0.194 (4.93)
0.916 (23.27)
0.207 (5.26)
0.955 (24.26)
1.130 (28.70)
C
0.025 (.64)
0.300 (7.62)
1.340 (34.04)
0.314 (7.98)
1.350 (34.29)
1.525 (38.74)
D
0.025 (.64)
0.362 (9.19)
1.540 (39.12)
0.376 (9.55)
1.550 (39.37)
1.725 (43.82)
MARKING INFORMATION*
RATINGS & PART NUMBER REFERENCE
MIL-C-39003/4C
EXPONENTIAL
MIL-C-39003/4C
GRADED
(1) To complete T213 Series Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 6.
*For ordering information see page 4 (military) and page 6.
* For Military Marking, see page 4.
D
B
1.50
±.250
(38.10
±6.35)
1.50
±.250
(38.10
±6.35)
L
C
A, B, C & D CASES
+K 10%
6R0 µF
20V
9925AB
Polarity, Manufacturer’s Classification and Tolerance
Normal Capacitance — (µF) (“R” indicates decimal)
Voltage
Date Code and Batch Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com