Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR91B565JB Datasheet(PDF) 78 Page - Kemet Corporation

Part # CSR91B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JB Datasheet(HTML) 78 Page - Kemet Corporation

Back Button CSR91B565JB Datasheet HTML 74Page - Kemet Corporation CSR91B565JB Datasheet HTML 75Page - Kemet Corporation CSR91B565JB Datasheet HTML 76Page - Kemet Corporation CSR91B565JB Datasheet HTML 77Page - Kemet Corporation CSR91B565JB Datasheet HTML 78Page - Kemet Corporation CSR91B565JB Datasheet HTML 79Page - Kemet Corporation CSR91B565JB Datasheet HTML 80Page - Kemet Corporation CSR91B565JB Datasheet HTML 81Page - Kemet Corporation CSR91B565JB Datasheet HTML 82Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
®
KEMET
78
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
monolithic ceramic capacitors) it is insignificant at the
basic measurement frequencies of 120 and 1000 Hz.
RS — Represents the actual ohmic series resistance
in series with the capacitance. Lead wires and capacitor
electrodes are contributing sources.
RL — Capacitor Leakage Resistance. Typically it can
reach 50,000 megohms in a tantalum capacitor. It can
exceed 1012 ohms in monolithic ceramics and in film
capacitors.
Rd — The dielectric loss contributed by dielectric
absorption and molecular polarization. It becomes very
significant in high frequency measurements and applica-
tions. Its value varies with frequency.
Cd — The inherent dielectric absorption of the solid
tantalum capacitor which typically equates to 1-2% of the
applied voltage.
As frequency increases, X
c continues to decrease
according to its equation above. There is unavoidable
inductance as well as resistance in all capacitors, and at
some point in frequency, the reactance ceases to be
capacitive and becomes inductive. This frequency is called
the self-resonant point. In solid tantalum capacitors, the
resonance is damped by the ESR, and a smooth, rather
than abrupt, transition from capacitive to inductive reac-
tance (XL = 2pfL) follows.
Typical ESR and Z performance is given for repre-
sentative capacitor ratings in Figures 9 through 11.
Measured impedance will be affected by the length of lead
wire included. Data for the curves were taken by including
1/2" of each lead wire in the measuring circuit.
Despite the fact that the reactance is entirely induc-
tive above the self-resonance, these capacitors find use
as decoupling devices above 10 MHz. Special designs
have been developed for minimum inductance and are
used above 100 MHz.
ESR and Z are also affected by temperature. At 100
kHz, ESR decreases with increasing temperature. The
amount of change is influenced by the size of the capaci-
tor and is generally more pronounced on smaller ratings.
13. POWER DISSIPATION
Permissible power dissipation has been empirically
established for all Series and is listed in each respective
product section.
See pages 6-41 for herm seal, 42-50 for axial and
radial molded, and 61-70 for tantalum dipped.
It is usually most convenient to translate the permis-
sible power into an AC voltage rating. Assuming a sinu-
soidal waveform, the “ripple voltage” permissible may be
calculated from the impedance and ESR data shown in the
respective product section. However, three criteria must
be observed:
APPLICATION NOTES FOR TANTALUM CAPACITORS
10VDC Rated
Frequency (MHz)
1
10
100
0.1
Impedance
ESR
(Ohms)
10 µ
Fd
33
µFd
100
µFd
220
µFd
100
10M
1M
100K
10K
1000
ESR and Impedance vs. Frequency
Figure 9.
Frequency (MHz)
0.1
35VDC Rated
100
10M
1M
100K
10K
1000
Frequency (MHz)
1
10
100
0.1
Impedance
ESR
(Ohms)
2.7
µ
Fd
4.7
µ
Fd
22
µ
Fd
47
µ
Fd
2.7 µ
Fd
47
µFd
22
µFd
4.7
µFd
Figure 11a.
ESR and Impedance vs. Frequency
20VDC Rated
Frequency (MHz)
1
3
10
0.1
Impedance
ESR
(Ohms)
100 µFd
0.3
30
47 µ
Fd
68
µFd
100
10M
1M
100K
10K
1000
Figure 10.
ESR and Impedance vs. Frequency
10
1
0.1
-50
Temperature - Degrees Centigrade
-25
0
25
50
75
100
125
Multiplier of 100kHz ESR
Figure 11b Typical Effect of Temperature
on 100 kHz ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com