Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB30A Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB30A
Description  K50 Pro Touch Button with IO-Link
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB30A Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB30A Datasheet HTML 1Page - Banner Engineering Corp. SMB30A Datasheet HTML 2Page - Banner Engineering Corp. SMB30A Datasheet HTML 3Page - Banner Engineering Corp. SMB30A Datasheet HTML 4Page - Banner Engineering Corp. SMB30A Datasheet HTML 5Page - Banner Engineering Corp. SMB30A Datasheet HTML 6Page - Banner Engineering Corp. SMB30A Datasheet HTML 7Page - Banner Engineering Corp. SMB30A Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Setting
Description
Touch Sensitivity
Defines the sensitivity of the touch button as either Standard, High or Low. Low sensitivity resists false activation. High
sensitivity can be used for improved touch response
Function
Latching or Momentary Options. Momentary function toggles output on only during a touch input. Latching function
toggles output on or off for each touch input
Mute Enable
Turning on mute disables the touch input
On Delay (ms)
Length of time the button needs to be pressed to trigger a touch active state. 0-60,000 ms
Output Settings
Use Parameter Data to define the following settings.
Setting
Description
Output State
Normally Open or Normally Closed. Normally Open turns the output on with a touch input. Normally Closed turns the
output off with a touch input
Off Delay Type
Leading Edge or Trailing Edge. Leading Edge delays will begin once a touch has been sensed. Trailing edge delays will
begin once the touch has been released
Off Delay (ms)
Length of time before the output state returns to a touch inactive state after the button has been released. 0-60,000 ms
Specifications
Supply Voltage
18 V dc to 30 V dc
Supply Current
132 mA maximum current at 18 V dc (exclusive of load)
93 mA maximum current at 24 V dc (exclusive of load)
82 mA maximum current at 30 V dc (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Touch Dwell Time
If touch dwells for longer than 60 seconds, the output will revert to the
untouched state
Vibration Feedback Characteristics
Max Total On-Time Per Touch: 3 seconds
Mechanical Life: 500,000 cycles
For all touch conditions, the default Vibration Feedback is On and the type
of vibration feedback is Steady
Response Time
Input Response: 5 ms minimum
Touch Response: 300 ms maximum (Standard Sensitivity touch response)
Operating Conditions
–40 °C to +50 °C (–40 °F to +122 °F)
Humidity: 90% at +50 °C maximum relative humidity (non-condensing)
Storage: –40 °C to +70 °C (–40 °F to +158 °F)
Environmental Rating
Standard Models: IEC IP67, IP69K per DIN 40050-9
QP models also meet IP69K per DIN 40050-9 if the cable and cable
entrance are protected from high-pressure spray
FDA Models: IEC IP67, IP69K per DIN 40050-9
Mounting
M30 × 1.5 threaded base, maximum torque 4.5 N·m (40 in·lbf)
Default Indicator Characteristics
Color
Dominant
Wavelength (nm) or
Color Temperature
(CCT)
Color
Coordinates1
Lumen
Output
(Typical at
25 °C)2
x
y
Green
522
0.154
0.700
16.5
Red
620
0.689
0.309
8.3
Yellow
576
0.477
0.493
23.8
Blue
466
0.140
0.054
4.6
White
5700K
0.328
0.337
25.1
Cyan
493
0.170
0.340
18.4
Magenta
–
0.379
0.172
11.1
Amber
589
0.556
0.420
15.7
Rose
–
0.515
0.220
9.1
Lime Green
562
0.388
0.561
21.4
Sky Blue
486
0.155
0.247
19.5
Orange
599
0.616
0.370
12.1
Violet
–
0.217
0.089
9.7
Spring
Green
508
0.177
0.536
17.0
1 Refer to the CIE 1931 (x,y) Chromaticity Diagram to show equivalent color with indicated color coordinates. Actual coordinates may differ ± 5%.
2 Values shown apply to dome models only. Compact models are 20% lower.
K50 Pro Touch Button with IO-Link
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 208737 Rev. C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com