Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB30A Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB30A
Description  EZ-LIGHT짰 K70 Wireless Touch Button
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB30A Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB30A Datasheet HTML 1Page - Banner Engineering Corp. SMB30A Datasheet HTML 2Page - Banner Engineering Corp. SMB30A Datasheet HTML 3Page - Banner Engineering Corp. SMB30A Datasheet HTML 4Page - Banner Engineering Corp. SMB30A Datasheet HTML 5Page - Banner Engineering Corp. SMB30A Datasheet HTML 6Page - Banner Engineering Corp. SMB30A Datasheet HTML 7Page - Banner Engineering Corp. SMB30A Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LED (Bi-color)
Node Status
Flashing green
Radio link okay
Green and red flashing alternately
In Binding mode
Both colors are solid for 4 seconds, then flash 4 times; looks amber
Binding mode is complete
Flashing red, once every 3 seconds
Radio link error
Flashing red, once every second
Device error
Sure Cross® User Configuration Tool
The User Configuration Tool (UCT) software runs on any Windows machine and uses a USB to RS-485 adapter cable to
connect your Gateway to the computer.
The User Configuration Tool (UCT) offers an easy way to link I/O points in
your wireless network, view I/O register values graphically, and set system
communication parameters when a host system is not part of the wireless
network. Download the most recent revisions of the UCT software from
Banner Engineering's website: http://www.bannerengineering.com/wireless.
The UCT requires a special USB to RS-485 (model number BWA-UCT-900 for
1 Watt radios, BWA-HW-006 can be used for all other radios) converter
cable to pass information between your computer and the Gateway.
Creating Flash Patterns
Use the User Configuration Tool (UCT) to set the Duty Cycle, For Outputs of Node 1, output 9, to 0x0F0F as shown below,
to achieve this flash pattern.
Flash a K70 light by entering a time-based bit mask into the Duty Cycle parameter for that output register. Bit 0
represents the first 62.5 ms time window, bit 1 represents the second 62.5 ms window, etc.
For example, turn ON the output from 0 to 250 ms, OFF from 250 to 500 ms, ON from 500 to 750 ms, then OFF again
from 750 ms to 1 second by writing 0x0F0F to the appropriate output.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bin
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
Hex
0
F
0
F
Light
Turned off from 750 ms to 1 s
Turned on from 500 to 750 ms
Turned off from 250 to 500 ms
Turned on from 0 to 250 ms
This example shows 0F0F being written to the Duty Cycle, For Outputs parameter for Node 1, output 9.
EZ-LIGHT® K70 Wireless Touch Button
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 189843 Rev. D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com