Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB30A Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB30A
Description  K50 Pro Touch Button
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB30A Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB30A Datasheet HTML 1Page - Banner Engineering Corp. SMB30A Datasheet HTML 2Page - Banner Engineering Corp. SMB30A Datasheet HTML 3Page - Banner Engineering Corp. SMB30A Datasheet HTML 4Page - Banner Engineering Corp. SMB30A Datasheet HTML 5Page - Banner Engineering Corp. SMB30A Datasheet HTML 6Page - Banner Engineering Corp. SMB30A Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Dimensions
Standard Models
Ø50 mm
[1.97”]
66 mm
[2.6”]
55 mm
[2.17”]
35 mm
[1.38”]
M30 x 1.5
M12 x 1
Compact Models
17 mm
[0.67”]
37.0 mm
[1.46”]
48.0 mm
[1.89”]
Ø50 mm
[1.97”]
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
Pro Editor Hardware
MQDC-506-USB
•
Pro Converter Cable
•
1.83 m (6 ft) M12/Euro-style quick
disconnect to Device and USB to
PC
•
Required for connection to Pro
Editor
CSB-M1251FM1251M
•
5-pin parallel Y splitter (Male-
Male-Female)
•
For full Pro Editor preview
capability
•
Requires external power supply,
sold separately
PSW-24-1
•
24 V dc, 1 A power supply
•
2 m (6.5 ft) PVC cable with M12/
Euro-style quick disconnect
•
Provides external power with
splitter cable, sold separately
ACC-PRO-CABLE5
•
Mating accessory for cabled and
terminal models
•
150 mm (6 inch) PVC cable with
M12/Euro-style quick disconnect
•
Lever wire nuts included (qty 5)
•
Required to connect cabled
models to Pro Converter Cable,
sold separately
x5
MQDC-801-5M-PRO
•
8-pin to 5-pin double-ended
cordset
•
0.31 m (1 ft) PVC cable with M12/
Euro-style quick disconnects
•
Required to connect 8-pin Pro
Series-enabled devices to Pro
Converter Cable (MQDC-506-
USB), sold separately
Cordsets
5-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.50 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
1.83 m (6 ft)
MQDC1-515
4.57 m (15 ft)
MQDC1-530
9.14 m (30 ft)
K50 Pro Touch Button
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 207477 Rev. D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com