Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18A Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB18A
Description  T-GAGE짰 M18T Series Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18A Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB18A Datasheet HTML 1Page - Banner Engineering Corp. SMB18A Datasheet HTML 2Page - Banner Engineering Corp. SMB18A Datasheet HTML 3Page - Banner Engineering Corp. SMB18A Datasheet HTML 4Page - Banner Engineering Corp. SMB18A Datasheet HTML 5Page - Banner Engineering Corp. SMB18A Datasheet HTML 6Page - Banner Engineering Corp. SMB18A Datasheet HTML 7Page - Banner Engineering Corp. SMB18A Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Push Button Enable/Disable
The push button can be disabled using the remote input wire (gray) to prevent unauthorized adjustment. To disable the push
button, connect a normally open switch between the remote input wire and dc common or connect the remote input wire to a
digital output on PLC. Perform the procedure below to enable or disable the push button.
Method
Action
Result
Remote Input3
Pulse the remote line 4-times.
T
T
T
T
T
T
T
The push button is enabled or disabled,
depending on the previous condition.
2-Point Static TEACH
Use 2-Point Static TEACH configuration method for applications where both ON and OFF target conditions can be presented to
the sensor statically by the operator. The sensor establishes a single sensing threshold (the switchpoint) midway between the two
configured conditions, with the Output ON condition on one side and the Output OFF condition on the other.
Note: The sensor returns to RUN mode if the first 2-Point Static TEACH condition is not configured within 60
seconds.
Note: After the first condition is configured, the sensor remains in 2-Point Static TEACH configuration until the
second condition is configured.
Switching
Hysteresis
OFF
Threshold
Cold
Limit
Hot
Limit
0° C
300° C
2nd taught
(Output OFF)
Condition
1st taught
(Output ON)
Condition
ON Threshold
(Set at midpoint of
taught conditions)
When object to be sensed is hotter than ambient
Switching
Hysteresis
OFF
Threshold
Cold
Limit
Hot
Limit
0° C
300° C
1st Taught
(Output ON)
Condition
2nd Taught
(Output OFF)
Condition
ON Threshold
(Set at midpoint of
taught conditions)
When object to be sensed is colder than ambient
Figure 3. 2-Point Static TEACH
1. Access 2-Point Static TEACH configuration.
Method
Action
Result
Push Button
Press and hold the button for 2 seconds.
•
Power LED turns Red
•
Output LED turns Amber
Remote Input2
No action required.
2. Present the output ON condition.
Method
Action
Result
Push Button
Press the button 1-time.
•
Output LED turns OFF
Remote Input
Pulse the remote line 1-time.
T
2 0.04 sec < T < 0.8 sec
T-GAGE® M18T Series Sensor
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 120632 Rev. D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com