Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807U-C Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BC807U-C
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC807U-C Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BC807U-C Datasheet HTML 1Page - First Silicon Co., Ltd BC807U-C Datasheet HTML 2Page - First Silicon Co., Ltd BC807U-C Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008. 01. 18
2/3
Revision No : 0
BC807U
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC
V
)
A
m
0
1
–
=
(BR)CEO
–45
—
—
V
Collector–Emitter Breakdown Voltage
(VEB = 0, IC = –10 µ
V
)
A
(BR)CES
–50
—
—
V
Emitter–Base Breakdown Voltage
(IE = –1.0 µ
V
)
A
(BR)EBO
–5.0
—
—
V
I
t
n
e
rr
u
C
ff
o
t
u
C
r
o
t
c
e
ll
o
C
CBO
(VCB
A
n
0
0
1
–
—
—
)
V
0
2
–
=
(VCB = –20 V, TJ
0
.
5
–
—
—
)
C
°
0
5
1
=
µA
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
h
n
i
a
G
t
n
e
rr
u
C
C
D
FE
—
(IC= –100 mA, VCE
0
5
2
—
0
0
1
BC807U-A
)
V
0
.
1
–
=
0
0
4
—
0
6
1
0
0
6
—
0
5
2
(IC = –500 mA, VCE = –1.0 V)
40
—
—
Collector–Emitter Saturation Voltage
V CE(sat)
—
—
–0.7
V
(IC = –500 mA, IB = –50 mA)
Base–Emitter On Voltage
V BE(on)
—
—
–1.2
V
(IC = –500 mA, VCE= –1.0 V)
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
—
—
MHz
(IC = –10 mA, VCE = –5.0 Vdc, f = 100 MHz)
Output Capacitance
C obo
—
10
—
pF
(VCB = –10 V, f = 1.0 MHz)
BC807U-C
BC807U-B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com