Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856U Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BC856U
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC856U Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BC856U Datasheet HTML 1Page - First Silicon Co., Ltd BC856U Datasheet HTML 2Page - First Silicon Co., Ltd BC856U Datasheet HTML 3Page - First Silicon Co., Ltd BC856U Datasheet HTML 4Page - First Silicon Co., Ltd BC856U Datasheet HTML 5Page - First Silicon Co., Ltd BC856U Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
EMIT T ER
3
CO LLECT O R
1
B ASE
3
xx
MARKING DIAGRAM
xx= Device Marking
(See Table Below)
2012. 07. 05
1/6
SEMICONDUCTOR
TECHNICAL DATA
BC856U/ 857U/ 858U
Revision No : 0
1
3
2
General Purpose Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BC856U
Unit
Collector–Emitter Voltage
V CEO
–65
–45
–30
V
Collector–Base Voltage
V CBO
–80
–50
–30
V
Emitter–Base Voltage
V EBO
–5.0
–5.0
–5.0
V
Collector Current — Continuous
I C
–100
–100
–100
mAdc
These transistors are designed for general purpose
amplifier applications. They are housed in the SOT–323/
SC–70 which is designed for low power surface mount applications.
Features
RoHS requirements.
We declare that the material of product compliance with
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
150
mW
TA = 25°C
Thermal Resistance, Junction to Ambient
R θJA
833
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
BC856UA=3A , BC856UB=3B, BC857UA=3E, BC857UB=3F
SOT– 323 / SC-70
BC858UA=3J , BC858UB=3K, BC858UC=3L
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
– 65
—
—
(IC
V
)
A
m
0
1
–
=
(BR)CEO
– 45
—
—
v
– 30
—
—
Collector–Emitter Breakdown Voltage
– 80
—
—
(IC = –10
µA, V
EB
V
)
0
=
(BR)CES
– 50
—
—
v
– 30
—
—
Collector–Base Breakdown Voltage
– 80
—
—
(IC = – 10
µA
V
)
(BR)CBO
– 50
—
—
v
– 30
—
—
Emitter–Base Breakdown Voltage
– 5.0
—
—
(IE = – 1.0
µA
V
)
(BR)EBO
– 5.0
—
—
v
– 5.0
—
—
Collector Cutoff Current (VCB = – 30 V)
I CBO
—
—
– 15
nA
(VCB = – 30 V, TA
0
.
4
–
—
—
)
C
°
0
5
1
=
µA
1.FR–5=1.0 x 0.75 x 0.062in
BC856U Series
BC857U Series
BC858U Series
BC856U Series
BC857U Series
BC858U Series
BC856U Series
BC857U Series
BC858U Series
BC856U Series
BC857U Series
BC858U Series
BC858U
BC857U


Similar Part No. - BC856U

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC856U AUK-BC856U Datasheet
91Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
logo
Infineon Technologies A...
BC856U INFINEON-BC856U Datasheet
58Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
BC856U INFINEON-BC856U Datasheet
849Kb / 10P
PNP Silicon AF Transistor Arrays
2008-01-18
logo
KODENSHI_AUK CORP.
BC856U KODENSHI-BC856U Datasheet
274Kb / 4P
General purpose application
logo
Infineon Technologies A...
BC856U INFINEON-BC856U Datasheet
854Kb / 10P
PNP Silicon AF Transistor Arrays
2011-07-25
More results

Similar Description - BC856U

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com