Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40EPF02 Datasheet(PDF) 3 Page - International Rectifier

Part # 40EPF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPF02 Datasheet(HTML) 3 Page - International Rectifier

  40EPF02 Datasheet HTML 1Page - International Rectifier 40EPF02 Datasheet HTML 2Page - International Rectifier 40EPF02 Datasheet HTML 3Page - International Rectifier 40EPF02 Datasheet HTML 4Page - International Rectifier 40EPF02 Datasheet HTML 5Page - International Rectifier 40EPF02 Datasheet HTML 6Page - International Rectifier 40EPF02 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
40EPF.. QUIET
IR Series
Bulletin I2114 rev. B 07/01
www.irf.com
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC Max. Thermal Resistance Junction
0.6
°C/W
DCoperation
to Case
R
thJA Max. Thermal Resistance Junction
40
°C/W
toAmbient
R
thCS Typical Thermal Resistance, Case to
0.2
°C/W
Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
6 (0.21)
g(oz.)
T
MountingTorque
Min.
6 (5)
Max.
12 (10)
CaseStyle
TO-247AC
JEDEC(Modified)
Thermal-Mechanical Specifications
Parameters
40EPF..
Units
Conditions
Kg-cm
(Ibf-in)
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
90
100
110
120
130
140
150
0
5
10
15
20
25
30
35
40
45
30
60
90
120
180
Conduction Angle
Average F orward Current (A)
40E P F .. S eries
R
(DC) = 0.6 K /W
thJC
90
10 0
11 0
12 0
13 0
14 0
15 0
0
10
2030
4050
607 0
DC
30
60
90
120
180
40E P F .. S eries
R
(DC) = 0.6 K /W
thJC
Conduction P er iod
Average F orward Current (A)
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
RMS L imit
180
120
90
60
30
Conduction Angle
Average F orward Current (A)
40E P F .. S eries
T = 150 C
J
0
10
20
30
40
50
60
70
80
0
102030
40506070
DC
180
120
90
60
30
RMS L imit
Conduction P eriod
40E P F .. S eries
T
= 150 C
J
Average F orward Current (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com