Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL50SWL5PWMQ Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WL50SWL5PWMQ
Description  WL50S High-Intensity Spot Light - PWM Dimmable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WL50SWL5PWMQ Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WL50SWL5PWMQ Datasheet HTML 1Page - Banner Engineering Corp. WL50SWL5PWMQ Datasheet HTML 2Page - Banner Engineering Corp. WL50SWL5PWMQ Datasheet HTML 3Page - Banner Engineering Corp. WL50SWL5PWMQ Datasheet HTML 4Page - Banner Engineering Corp. WL50SWL5PWMQ Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Supply Voltage and Current
Operating voltage: 12 to 30 V dc
Current draw: 400 mA maximum
Pulse Width Modulation (PWM)
Frequency: Up to 40 kHz
Voltage: 5 V to 30 V dc
Current: 15 mA max.
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Light Source
Three high-intensity LEDs; see models table for color temperature or
wavelengths
Useful Life
When operating within specifications, output will decrease less than
30% after 50,000 hours.
Construction
Black anodized aluminum housing; polycarbonate window; nickel-
plated QD connector or PVC-jacketed cable; black zinc-plated steel
mounting nut
Mounting:
30 × 1.5 mm thread base mount
Connections
Integral 5-pin M12 quick disconnect fitting or 2 m (6.5 ft) integral
cable, depending on model; 4-pin connecting cordset required for quick
disconnect fitting models; only 2 wires used
Environmental Rating
IEC IP67, IP69K per DIN 40050-9
NOTE: Do not spray the cable with a
high-pressure sprayer or cable damage
will result.
Operating Conditions
−20 °C to +50 °C (−4 °F to +122 °F)
95% maximum relative humidity (non-condensing)
Vibration and Mechanical Shock
All models meet Mil. Std. 202F requirements method 201A (vibration:
10 to 60 Hz max., double amplitude 0.06", maximum acceleration
10G). Also meets IEC 947-5-2; 30G 11 ms duration, half sine wave.
Storage Temperature
−40 °C to +70 °C (−40 °F to +158 °F)
Certifications
UL Recognized for
easy installation in
control cabinets
Beam Patterns
Percentage of Maximum Light Intensity Per
Lens Type at 0.5 Meter (Typical)
Percentage of Maximum Light Intensity Per Lens Type at 1
Meter (Typical)
Light Pattern From Center (cm)
±5º
±11º
±20º
±14º
30
20
10
0
–10
–20
–30
0%
25%
50%
75%
100%
Light Pattern From Center (cm)
60
50
40
30
20
10
0
−10
−20
−30
−40
−50
−60
0%
25%
50%
75%
100%
±20˚
±14˚
±11˚
±5˚
WL50S High-Intensity Spot Light - PWM Dimmable
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 179498 Rev. B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com