Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6903 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6903
Description  1kHz - 68MHz Serial Port Programmable Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6903 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6903 Datasheet HTML 4Page - Linear Technology LTC6903 Datasheet HTML 5Page - Linear Technology LTC6903 Datasheet HTML 6Page - Linear Technology LTC6903 Datasheet HTML 7Page - Linear Technology LTC6903 Datasheet HTML 8Page - Linear Technology LTC6903 Datasheet HTML 9Page - Linear Technology LTC6903 Datasheet HTML 10Page - Linear Technology LTC6903 Datasheet HTML 11Page - Linear Technology LTC6903 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC6903/LTC6904
9
69034fa
ACK
123
ADDRESS
456789
123456789
123456789
6903 TD03
0
0
101110
0
0
1011
ADR
WR
11111111
OCT3 OCT2 OCT1 OCT0 DAC9 DAC8 DAC7 DAC6
11111100
DAC5 DAC4 DAC3 DAC2 DAC1 DAC0 CNF1 CNF0
ACK
STOP
START
SDA
SCL
ACK
tSU, DAT
tHD, STA
tHD, DAT
SDA
SCL
tSU, STA
tHD, STA
tSU, STO
6903 TD02
tBUF
tLOW
tHIGH
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
START
CONDITION
tr
tf
Timing Diagram (LTC6904)
TI I G DIAGRA S
Typical LTC6904 Input Waveform—Programming Frequency to 68MHz (ADR Pin Set LOW)
Serial Port Register Description
OCT[3:0] - Frequency Divider Setting. (See Frequency
Setting Section)
DAC[9:0] - Master Oscillator Frequency Setting. (See
Frequency Setting Section)
CNF[1:0] - Output Configuration - This controls outputs
CLK and CLK according to Table 2.
LTC6903 SPI Compatible Interface
A serial data transfer is composed of sixteen (16) bits of
data labeled D15 through D0. D15 is the first bit of data
presented in each transaction. All serial port register bits
are set LOW on power-up.
APPLICATIO S I FOR ATIO
Writing Data (LTC6903 Only)
When the SEN line is brought LOW, serial data presented
on the SDI input is clocked in on the rising edges of SCK
until SEN is brought HIGH. On every eighth rising edge of
SCK, the preceding 8-bits of data are clocked into the
internal register. It is therefore possible to clock in only the
8 {D15 - D8} most significant bits of data rather than
completing an entire transfer.
The serial data transfer starts with the most significant bit
and ends with the least significant bit of the data, as shown
in the timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com