Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLS27 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Segmented LED Strip Light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-Pin Threaded M12/Euro-Style Cordsets—Double Ended, Washdown, Stainless Steel
Model
Length
Style
Dimensions
Pinout
MQDEC-WDSS-401SS
0.3 m (1 ft)
Male Straight/Female
Straight
40 Typ.
43.5 Typ.
13.9
13.9
M12 x 1
Female
2
3
4
1
Male
1
4
3
2
1 = Brown
2 = White
3 = Blue
4 = Black
MQDEC-WDSS-403SS
0.91 m (3 ft)
MQDEC-WDSS-406SS
1.83 m (6 ft)
MQDEC-WDSS-412SS
3.66 m (12 ft)
4-Pin Threaded M12/Euro-Style Splitter Cordsets—Flat Junction
Model
Branches (Female)
Trunk (Male)
Pinout
CSB-M1240M1240
No branch
No trunk
Female
2
3
4
1
Male
1
4
3
2
1 = Brown
2 = White
3 = Blue
4 = Black
CSB-M1240M1241
2 x 0.30 m (1 ft)
No trunk
CSB-M1241M1241
0.30 m (1 ft)
CSB-M1248M1241
2.50 m (8 ft)
CSB-M12415M1241
4.57 m (15 ft)
CSB-M12425M1241
7.60 m (25 ft)
CSB-UNT425M1241
7.60 m (25 ft) Unterminated
44 Typ.
[1.73"]
43.0
[1.69"]
Ø14.5 [0.57"]
M12 x 1
Ø14.5 [0.57"]
40 Typ.
[1.58"]
18.0
[0.71"]
Ø4.5
[0.18"]
35 [1.38"]
M12 x 1
Brackets
LMBWLS27EC
•
Clear copolyester
•
Clearance for M5 or #10 hardware
2 x ø5.5
18
ø26.2
30.6
LMBWLS27H
•
300 series stainless steel mounting
brackets
•
M4 stainless steel hardware included
4 x
ø4.5
12
ø27.1
54
LMBWLS27SP
•
Clear copolyester
•
Clearance for M5 or #10 hardware
•
Snap bracket for light duty applications
18
ø26.4
ø5.3
28
LMBWLS27T
•
Stainless steel mounting brackets with
rubber grips
•
M5 stainless steel hardware included
•
Clearance for M5 or #10 hardware
38
61.2
12.7
3 X
Ø5.5
Ø27.9
WLS27 Segmented LED Strip Light
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 209343 Rev. B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com