Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLS27 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 LED Strip Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
For additional technical information about this product, including complete instructions, dimensions, accessories, and
specifications, see
http://www.bannerengineering.com and search for 185590.
Models
WLS27
Connector
Window
Lighted
Length (mm)
LED Color
Cascadable
Family
C = Cascadable
X = Non-cascadable
W = Cool white
WW = Warm white
R = Red
G = Green
B = Blue
Y = Yellow
145
285
430
570
710
850
990
1130
D = Diffused plastic
Q = Integral 4-pin M12 QD
(mating cordset required)
C
W
145
D
Q
Construction
S
S = Sealed
Specifications
Supply Voltage
12 to 30 V dc
Use only with suitable Class 2 power supply (UL) or a SELV power supply
(CE).
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Application Note
When connecting cascadable lights in series at 100% intensity, it is
important not to exceed maximum current limitations:
Maximum length of light at 12 V dc: 1.4 m (4.6 ft)
Maximum length of light at 24 V dc: 3.0 m (9.8 ft)
Maximum length of light at 30 V dc: 3.1 m (10.2 ft)
At 50% intensity, double the lengths.
Construction
Clear anodized aluminum housing; FDA-grade copolyester outer housing
Mounting
Bracket LMBWLS27EC included (2 for lights up to 570 mm or 3 for lights
710 mm and longer)
Connections
Integral 4-pin M12 male quick disconnect (QD) (4-pin connecting cordset
required)
Certifications
D
Note: Do not spray cable with high-pressure
sprayer, or cable damage will result.
Light Length
Typical Current
Max. Current
12 V dc
24 V dc
30 V dc
A
145 mm
0.33 A
0.15 A
0.12 A
0.4
285 mm
0.66 A
0.30 A
0.24 A
0.8
430 mm
1.01 A
0.46 A
0.36 A
1.2
570 mm
1.36 A
0.61 A
0.48 A
1.6
710 mm
1.75 A
0.77 A
0.60 A
2.0
850 mm
2.13 A
0.92 A
0.73 A
2.4
990 mm
2.59 A
1.08 A
0.85 A
2.8
1130 mm
3.04 A
1.24 A
0.97 A
3.2
Environmental Rating
Rated IEC IP66, IP67, and IP69K, per DIN 40050
Operating Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Light output begins to decrease above 50 °C (122 °F) and will be
approximately 65% of max intensity at 60 °C (140 °F) and 30% of max
intensity at 70 °C (158 °F)
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Vibration and Mechanical Shock
Vibration 10-55 Hz 1.0 mm p-p amplitude per IEC 60068-2-6
Shock 15G 11 ms duration, half sine wave per IEC 60068-2-27
WLS27 LED Strip Light
Original Document
189555 Rev. D
25 January 2019
189555


Similar Part No. - WLS27

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
More results

Similar Description - WLS27

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
LED Light Strip
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27_V01 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V02 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27_V03 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27_V05 Datasheet
674Kb / 8P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V06 Datasheet
567Kb / 8P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V08 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com