Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLS27 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Dual Color LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp. WLS27 Datasheet HTML 6Page - Banner Engineering Corp. WLS27 Datasheet HTML 7Page - Banner Engineering Corp. WLS27 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Models
L1
L2
L3
L4
WLS27..145..
145 mm (5.7 in)
189 mm (7.4 in)
208.5 mm (8.2 in)
217 mm (8.5 in)
WLS27..285..
286 mm (11.3 in)
330 (13 in)
349.5 mm (13.8 in)
358 mm (14.1 in)
WLS27..430..
427 mm (16.8 in)
471 mm (18.5 in)
490.5 mm (13.3 in)
499 mm (19.6 in)
WLS27..570..
569 mm (22.4 in)
612 mm (24.1 in)
631.5 mm (24.9 in)
640 mm (25.2 in)
WLS27..710..
708 mm (27.9 in)
752 mm (29.6 in)
771.5 mm (30.4 in)
780 mm (30.7 in)
WLS27..850..
849 mm (33.4 in)
893 mm (35.2 in)
912.5 mm (35.9 in)
921 mm (36.2 in)
WLS27..990..
991 mm (39 in)
1035 mm (40.8 in)
1054.5 mm (41.5 in)
1063 mm (41.8 in)
WLS27..1130..
1120 mm (44.1 in)
1164 mm (45.8 in)
1183.5 mm (46.4 in)
1192 mm (46.9 in)
Performance
For models with heavy diffused housing, multiply lumen values by 0.8.
145 mm Models
180°
110
92
73
55
37
18
0
18
37
55
73
Mount height of 1 meter (1 m)
92
110
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
476 lux
0.5 m
1.0 m
1.5 m
2.0 m
2.5 m
3.0 m
Vertical Spread: 95.1°
Horizontal Spread: 115.0°
1.1 m
1.6 m
2.2 m
3.1 m
3.3 m
4.7 m
4.4 m
6.3 m
99 lux
46 lux
26 lux
5.5 m
7.8 m
16 lux
6.6 m
9.4 m
11 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
80 lux
60 lux
40 lux
30 lux
20 lux
15 lux
10 lux
5 lux
50% max.
candela
285 mm Models
180°
210
175
140
105
70
35
0
35
70
105
140
Mount height of 1 meter (1 m)
175
210
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
961 lux
0.5 m
1.0 m
1.5 m
2.0 m
2.5 m
3.0 m
Vertical Spread: 97.8°
Horizontal Spread: 115.0°
1.1 m
1.6 m
2.3 m
3.1 m
3.4 m
4.7 m
4.6 m
6.3 m
204 lux
90 lux
51 lux
5.7 m
7.8 m
32 lux
6.9 m
9.4 m
23 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
150 lux
125 lux
100 lux
75 lux
50 lux
25 lux
10 lux
5 lux
50% max.
candela
WLS27 Dual Color LED Strip Light
P/N 186598 Rev. I
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com