Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLS27 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp. WLS27 Datasheet HTML 6Page - Banner Engineering Corp. WLS27 Datasheet HTML 7Page - Banner Engineering Corp. WLS27 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
570 mm Models
180°
550
458
367
275
183
92
0
92
183
275
367
Mount height of 1 meter (1 m)
458
550
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
7570 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 98.5°
Horizontal Spread: 115.7°
0.39 m 0.52 m
0.77 m 1.04 m
1.16 m 1.56 m
1.55 m 2.09 m
3370 lux
1826 lux
1125 lux
1.93 m 2.60 m
768 lux
2.32 m 3.13 m
553 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
400 lux
335 lux
265 lux
200 lux
135 lux
65 lux
25 lux
15 lux
50% max.
candela
710 mm Models
180°
670
558
447
335
223
112
0
112
223
335
447
Mount height of 1 meter (1 m)
558
670
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
7513 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 99.1°
Horizontal Spread: 114.5°
0.39 m 0.52 m
0.78 m 1.04 m
1.17 m 1.56 m
1.57 m 2.08 m
3563 lux
2033 lux
1260 lux
1.95 m 2.59 m
877 lux
2.35 m 3.12 m
637 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
500 lux
410 lux
335 lux
255 lux
175 lux
100 lux
35 lux
15 lux
50% max.
candela
850 mm Models
180°
840
700
560
420
280
140
0
140
280
420
560
Mount height of 1 meter (1 m)
700
840
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
7648 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 100.2°
Horizontal Spread: 113.7°
0.40 m 0.51 m
0.79 m 1.01 m
1.20 m 1.52 m
1.60 m 2.04 m
3766 lux
2197 lux
1422 lux
1.99 m 2.54 m
1006 lux
2.39 m 3.05 m
740 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
600 lux
500 lux
400 lux
300 lux
200 lux
100 lux
35 lux
15 lux
50% max.
candela
WLS27 LED Strip Light
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 185590 Rev. G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com