Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLS27DBB0285C Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # HLS27DBB0285C
Description  HLS27 Hazardous Location LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

HLS27DBB0285C Datasheet(HTML) 1 Page - Banner Engineering Corp.

  HLS27DBB0285C Datasheet HTML 1Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 2Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 3Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 4Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 5Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 6Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 7Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
Banner's HLS27 Hazardous Location LED Strip Light has a sturdy aluminum housing and is encased in a shatterproof, UV-stabilized, polycarbonate
shell, making it ideal for harsh indoor and outdoor applications.
• Low-profile, space-saving design for use in hazardous locations
• Rugged, water-resistant IEC IP66, IEC IP67 design
• Available in eight lengths from 145 mm to 1130 mm
• Available in single or dual color models
• Standard and optional 300 series stainless steel mounting brackets
protect against impact
• Single color models have the capability to dim lights using the wiring
pinout (Hi/Lo/Off)
• Pulse Width Modulation (PWM) models have the capability to control
intensity from 0% to 100% using PWM on an input control wire
• Automatic temperature protection built into the unit—above 50 °C,
the light dims to manage heat and protect product lifetime
• Certification for cULus and ATEX/IECEx, see details in specifications
Models — Single Color and PWM
HLS27
Connector
Lighted
Length (mm)
LED Color
Type
Family
D = Enhanced Protection
W = Cool white
WW = Warm white
R = Red
G = Green
B = Blue
Y = Yellow
0145
0285
0430
0570
0710
0850
0990
1130
Blank = 2 m ITC-ER 3-wire cable with
unterminated tinned leads
D
W
0145
Window
C = Clear
C
Blank = Hi/Lo/Off
PWM = Pulse width
modulation dimming
Control
Type
Protection
Suitable for ATEX / IECEx
Suitable for NEC & CEC
D
Enhanced Protection
Gas Zone: 2
Dust Zone: 22
Gas Zone: 2
Dust Zone: 22
Class I Division 2
Class II Division 2
Class III Division 1 and 2
Models — Dual Color
HLS27
Connector
Lighted
Length (mm)
C1
Type
Family
D = Enhanced Protection
W = Daylight white
R = Red
G = Green
B = Blue
Y = Yellow
0145
0285
0430
0570
0710
0850
0990
1130
Blank = 2 m ITC-ER 3-wire cable with
unterminated tinned leads
D
W
0145
Window
C = Clear
C
LED Color
R
C2
Type
Protection
Suitable for ATEX / IECEx
Suitable for NEC & CEC
D
Enhanced Protection
Gas Zone: 2
Dust Zone: 22
Gas Zone: 2
Dust Zone: 22
Class I Division 2
Class II Division 2
Class III Division 1 and 2
HLS27 Hazardous Location LED Strip Light
Original Document
197949 Rev. B
3 January 2019
197949


Similar Part No. - HLS27DBB0285C

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
HLS208A COPAL-HLS208A Datasheet
557Kb / 6P
Miniature Rocker Switches
HLS208A12 COPAL-HLS208A12 Datasheet
557Kb / 6P
Miniature Rocker Switches
HLS208D COPAL-HLS208D Datasheet
557Kb / 6P
Miniature Rocker Switches
HLS208D12 COPAL-HLS208D12 Datasheet
557Kb / 6P
Miniature Rocker Switches
HLS208K COPAL-HLS208K Datasheet
557Kb / 6P
Miniature Rocker Switches
More results

Similar Description - HLS27DBB0285C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLED96W-274-C0350-XX-HV ETC2-PLED96W-274-C0350-XX-HV Datasheet
810Kb / 4P
Flicker-free, Hazardous Location LED Drivers
logo
Mallory Sonalert Produc...
SCH110NJR MSPI-SCH110NJR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH307NR MSPI-SCH307NR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH616NPR MSPI-SCH616NPR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH616NR MSPI-SCH616NR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH628ANPR MSPI-SCH628ANPR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH628ANR MSPI-SCH628ANR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH628NR MSPI-SCH628NR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH628PR MSPI-SCH628PR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH648R MSPI-SCH648R Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com