Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6903HMS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6903HMS8
Description  1kHz - 68MHz Serial Port Programmable Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6903HMS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC6903HMS8 Datasheet HTML 1Page - Linear Technology LTC6903HMS8 Datasheet HTML 2Page - Linear Technology LTC6903HMS8 Datasheet HTML 3Page - Linear Technology LTC6903HMS8 Datasheet HTML 4Page - Linear Technology LTC6903HMS8 Datasheet HTML 5Page - Linear Technology LTC6903HMS8 Datasheet HTML 6Page - Linear Technology LTC6903HMS8 Datasheet HTML 7Page - Linear Technology LTC6903HMS8 Datasheet HTML 8Page - Linear Technology LTC6903HMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC6903/LTC6904
3
69034fa
The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, GND = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Supply Voltage
Applied Between V+ and GND
q
2.7
5.5
V
IS, SHDN
V+ Supply Current, Shutdown
VS = 2.7V
q
0.25
0.6
mA
VS = 5.5V
q
0.6
2.2
mA
IS, DC
V+ Supply Current, Single Output
f = 68MHz, 5pF Load, V+ = 2.7V
q
3.6
7
mA
Enabled
f < 1MHz, V+ = 2.7V
q
1.7
3.1
mA
f = 68MHz, 5pF Load, V+ = 5.5V
q
715
mA
f < 1MHz, V+ = 5.5V
q
1.9
4.5
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
Min High Level Input Voltage
q
0.67 V+
V
SEN, SCK, SDI Pins
VIL
Max Low Level Input Voltage
q
0.33 V+
V
SEN, SCK, SDI Pins
IIN
Digital Input Leakage
q
10
µA
SEN, SCK, SDI Pins
POWER REQUIRE E TS
The q denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, GND = 0V, unless otherwise noted.
SERIAL PORT ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, GND = 0V, unless otherwise noted.
TI I G CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tr
Output Rise Time (10% - 90%)
V+ = 5.5V, RLOAD = ∞, CLOAD = 5pF
1
ns
V+ = 2.7V, RLOAD = ∞, CLOAD = 5pF
1
ns
tf
Output Fall Time (10% - 90%)
V+ = 5.5V, RLOAD = ∞, CLOAD = 5pF
1
ns
V+ = 2.7V, RLOAD = ∞, CLOAD = 5pF
1
ns
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, GND = 0V, unless otherwise noted.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
LTC6903 (Notes 5, 6)
fSCK
Serial Port Clock Frequency
q
20
MHz
tCKHI
Min Clock High Time
q
25
ns
tCKLO
Min Clock Low Time
q
25
ns
tsu
Min Setup Time - SDI to SCK
q
10
ns
thLD
Min Hold Time - SCK to SDI
q
10
ns
tLCH
Min Latch Time - SEN to SEN
q
400
ns
tFCK
Min First Clock - SEN to SCK
q
20
ns
LTC6904 (Notes 5, 6)
fSMB
SMBus Operating Frequency
q
10
100
kHz
tBUF
Bus Free Time Between Stop and Start Condition
q
4.7
µs
tHD, STA
Hold Time After (Repeated) Start Condition
q
4.0
µs
tSU, STA
Repeated Start Condition Setup Time
q
4.7
µs
tSU, STO
Stop Condition Setup Time
q
4.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com