Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA431ZCSR Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FA431ZCSR
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA431ZCSR Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FA431ZCSR Datasheet HTML 1Page - First Silicon Co., Ltd FA431ZCSR Datasheet HTML 2Page - First Silicon Co., Ltd FA431ZCSR Datasheet HTML 3Page - First Silicon Co., Ltd FA431ZCSR Datasheet HTML 4Page - First Silicon Co., Ltd FA431ZCSR Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PROGRAMMABLE PRECISION REFERENCES
The FA431ZCSR integrated circuits are three-terminal
programmable shunt regulator diodes.
These monolithic IC voltage reference operate as a low
temperature coefficient zener which is programmable from
Vref to 40 volts with two external resistors.
with a typical dynamic impedance of 0.2Ω .
replacements for zener diodes in many applications
such as digital voltmeters, power supplies, and op amp circuitry.
The 2.5 volt reference makes it convenient to obtain a stable reference
from 5.0 volt logic supplies, and since the
FA431ZCSR operates as a shunt regulator,
it can be used as either a positive or negative voltage reference.
FEATURES
Divice Code Name :FA431 + Vref Code + Package Code
Low Dynamic Output Impedance : 0.2Ω (Typ.).
Sink Current Capability of 1.0 to 100mA.
Equivalent Full-Range Temperature Coefficient of 50ppm/℃ (Typ.).
Low Output Noise Voltage.
ITEM
Vref Code
Package Code
FA431ZCSR
Code
Tolerance (%)
Code
Package
C
±0.5
S
SOT-23
These devices exhibit a wide operating current range of 1.0 to 100mA
The characteristics of these references make them excellent
2013. 07. 18
1/5
SEMICONDUCTOR
TECHNICAL DATA
FA431ZCSR
Revision No : 0
DIM
MILLIMETERS
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
3
1
2
B
1.30 MAX
L
L
P
P
P
7
+
_
SOT-23
3. REFERENCE
2. ANODE
1. CATHODE
Temperature Compensated for Operation Over Full Rated Operating
Temperature Range.
MARK: LA3


Similar Part No. - FA431ZCSR

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FA431ZCS FS-FA431ZCS Datasheet
218Kb / 5P
PROGRAMMABLE PRECISION REFERENCES
More results

Similar Description - FA431ZCSR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com