Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT032DNAFWD-NBA Datasheet(PDF) 17 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT032DNAFWD-NBA
Description  LCD Module User Manual
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT032DNAFWD-NBA Datasheet(HTML) 17 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT032DNAFWD-NBA Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TOPWAY
LCD Module User Manual
LMT032DNAFWD-NBA
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT032DNAFWD-NBA-Manual-Rev0.3.doc
Page: 17 of 18
Note 1:
The data are measured after LEDs are turned on for 5 minutes.
LCM displays full white.
The brightness is the average value of 9 measured spots.
Measurement equipment PR-705 (Φ8mm)
Measuring condition:
- Measuring surroundings: Dark room
- Measuring temperature: Ta=25℃.
- Adjust operating voltage to get optimum contrast at
the center of the display.
Measured value at the center point of LCD panel after more than
5 minutes while backlight turning on.
Note 2:
The luminance uniformity is calculated by using following formula.
△
Bp = Bp (Min.) / Bp (Max.)×100 (%)
Bp (Max.) = Maximum brightness in 9 measured spots
Bp (Min.) = Minimum brightness in 9 measured spots
.
Note 3:
The definition of viewing angle:
Refer to the graph below marked by θ and Ф
Note 4:
The definition of contrast ratio (Test LCM using PR-705):
Luminance When LCD is at “White” state
Contrast
Ratio(CR)
=
Luminance When LCD is at “Black” state
(Contrast Ratio is measured in optimum common electrode
voltage)
Note 5:
Definition of Response time. (Test LCD using DMS501):
The output signals of photo detector are measured
when the input signals are changed from
“black” to “white”(falling time)
and from “white” to “black”(rising time), respectively.
The response time is defined as
the time interval between the 10% and 90% of amplitudes.Refer
to figure as below.
Note 6:
Definition of Color of CIE1931 Coordinate and NTSC Ratio.
Color gamut:
Area of RGB triangle
S=
Area of NTSC triangle
X100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com