Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83821 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 47Page - National Semiconductor (TI) DP83821 Datasheet HTML 48Page - National Semiconductor (TI) DP83821 Datasheet HTML 49Page - National Semiconductor (TI) DP83821 Datasheet HTML 50Page - National Semiconductor (TI) DP83821 Datasheet HTML 51Page - National Semiconductor (TI) DP83821 Datasheet HTML 52Page - National Semiconductor (TI) DP83821 Datasheet HTML 53Page - National Semiconductor (TI) DP83821 Datasheet HTML 54Page - National Semiconductor (TI) DP83821 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
51
www.national.com
4.0 Register Set (Continued)
4.2.13 General Purpose I/O Control Register
This register allows configuration of the General Purpose I/O pins. Note that these pins are especially useful when
interfacing to a Ten-Bit Interface Phy Device.
15-8
FLTH
Tx Fill Threshold
Specifies the fill threshold in units of 32 bytes. When the number of
available bytes in the transmit FIFO reaches this level, the transmit bus
master state machine will be allowed to request the PCI bus for transmit
packet fragment reads. A value of 0 in this field will produce unexpected
results and must not be used.
7-0
DRTH
Tx Drain Threshold
Specifies the drain threshold in units of 32 bytes. When the number of
bytes in the FIFO reaches this level (or the FIFO contains at least one
complete packet) the MAC transmit state machine will begin the
transmission of a packet. NOTE: In order to prevent a deadlock condition
from occurring, the transmit drain threshold should never be set higher than
the (txFIFOsize - TXCFG:FLTH). A value of 0 in this field will prevent
draining of the packet until the complete packet has been loaded into the
FIFO.
Tag: GPIOR
Size: 32 bits
Hard Reset: 00000000h
Offset: 002Ch
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-15
unused
14
GP5_IN
General Purpose Pin 5 Input
Value
Input value from the GP5 pin. When GP5_OE is a 1, this should reflect the
value of GP5_OUT. RO
13
GP4_IN
General Purpose Pin 4 Input
Value
Input value from the GP4 pin. When GP4_OE is a 1, this should reflect the
value of GP4_OUT. RO
12
GP3_IN
General Purpose Pin 3 Input
Value
Input value from the GP3 pin. When GP3_OE is a 1, this should reflect the
value of GP3_OUT. RO
11
GP2_IN
General Purpose Pin 2 Input
Value
Input value from the GP2 pin. When GP2_OE is a 1, this should reflect the
value of GP2_OUT. RO
10
GP1_IN
General Purpose Pin 1 Input
Value
Input value from the GP1 pin. When GP1_OE is a 1, this should reflect the
value of GP1_OUT. RO
9
GP5_OE
General Purpose Pin 5 Output
Enable
Enables the GP5 pin for use as an output. This bit is loaded from EEPROM
at power-up. R/W
8
GP4_OE
General Purpose Pin 4 Output
Enable
Enables the GP4 pin for use as an output. This bit is loaded from EEPROM
at power-up. R/W
7
GP3_OE
General Purpose Pin 3 Output
Enable
Enables the GP3 pin for use as an output. This bit is loaded from EEPROM
at power-up. R/W
6
GP2_OE
General Purpose Pin 2 Output
Enable
Enables the GP2 pin for use as an output. This bit is loaded from EEPROM
at power-up. R/W
5
GP1_OE
General Purpose Pin 1 Output
Enable
Enables the GP1 pin for use as an output. This bit is loaded from EEPROM
at power-up. R/W
4
GP5_OUT
General Purpose Pin 5 Output
Value
Controls the output value on the GP5_DUP pin if the GP5_OE bit is set.
This bit is loaded from EEPROM at power-up. R/W
3
GP4_OUT
General Purpose Pin 4 Output
Value
Controls the output value on the GP4 pin if the GP4_OE bit is set. This bit is
loaded from EEPROM at power-up.
2
GP3_OUT
General Purpose Pin 3 Output
Value
Controls the output value on the GP3 pin if the GP3_OE bit is set. This bit is
loaded from EEPROM at power-up. R/W
1
GP2_OUT
General Purpose Pin 2 Output
Value
Controls the output value on the GP2 pin if the GP2_OE bit is set. This bit is
loaded from EEPROM at power-up.
0
GP1_OUT
General Purpose Pin 1
Controls the output value on the GP1 pin if the GP1_OE bit is set. This bit is
loaded from EEPROM at power-up. R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com