Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72311J4 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST72311J4
Description  8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311J4 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST72311J4 Datasheet HTML 14Page - STMicroelectronics ST72311J4 Datasheet HTML 15Page - STMicroelectronics ST72311J4 Datasheet HTML 16Page - STMicroelectronics ST72311J4 Datasheet HTML 17Page - STMicroelectronics ST72311J4 Datasheet HTML 18Page - STMicroelectronics ST72311J4 Datasheet HTML 19Page - STMicroelectronics ST72311J4 Datasheet HTML 20Page - STMicroelectronics ST72311J4 Datasheet HTML 21Page - STMicroelectronics ST72311J4 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
18/94
ST72311
RESET (Cont’d)
3.2.4 Low Voltage Detector Reset
The on-chip Low Voltage Detector (LVD) gener-
ates a static reset when the supply voltage is be-
low a reference value. The LVD functions both
during power-on as well as when the power supply
drops (brown-out). The reference value for a volt-
age drop is lower than the reference value for pow-
er-on in order to avoid a parasitic reset when the
MCU starts running and sinks current on the sup-
ply (hysteresis).
The LVD Reset circuitry generates a reset when
VDD is below:
VLVDUP when VDD is rising
VLVDDOWN when VDD is falling
Provided the minimun VDD value (guaranteed for
the oscillator frequency) is above VLVDDOWN , the
MCU can only be in two modes:
- under full software control or
- in static safe reset
In this condition, secure operation is always en-
sured for the application without the need for ex-
ternal reset hardware.
During a Low Voltage Detector Reset, the RESET
pin is held low, thus permitting the MCU to reset
other devices.
Figure 13. Low Voltage Detector Reset Function
Figure 14. Low Voltage Detector Reset Signal
Note: See electrical characteristics for values of
VLVDUP and VLVDDOWN
Figure 15. Temporization timing diagram after an internal Reset
LOW VOLTAGE
DETECTOR RESET
VDD
FROM
WATCHDOG
RESET
RESET
RESET
VDD
VLVDUP
VLVDDOWN
VDD
Addresses
$FFFE
Temporization (4096 CPU clock cycles)
VLVDUP
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com