Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AXC2T45DTM Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AXC2T45DTM
Description  SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC2T45DTM Datasheet(HTML) 2 Page - Texas Instruments

  SN74AXC2T45DTM Datasheet HTML 1Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 2Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 3Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 4Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 5Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 6Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 7Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 8Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
SN74AXC2T45
SCES880 – AUGUST 2019
www.ti.com
Product Folder Links: SN74AXC2T45
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Switching Characteristics, VCCA = 0.7 ± 0.05 V ........ 7
6.7
Switching Characteristics, VCCA = 0.8 ± 0.04 V ........ 8
6.8
Switching Characteristics, VCCA = 0.9 ± 0.045 V ...... 9
6.9
Switching Characteristics, VCCA = 1.2 ± 0.1 V ........ 10
6.10
Switching Characteristics, VCCA = 1.5 ± 0.1 V ...... 11
6.11
Switching Characteristics, VCCA = 1.8 ± 0.15 V .... 12
6.12
Switching Characteristics, VCCA = 2.5 ± 0.2 V ...... 13
6.13
Switching Characteristics, VCCA = 3.3 ± 0.3 V ...... 14
6.14
Operating Characteristics: TA = 25°C ................... 15
6.15
Typical Characteristics .......................................... 16
7
Parameter Measurement Information ................ 17
7.1
Load Circuit and Voltage Waveforms ..................... 17
8
Detailed Description ............................................ 19
8.1
Overview ................................................................. 19
8.2
Functional Block Diagram ....................................... 19
8.3
Feature Description................................................. 19
8.4
Device Functional Modes........................................ 20
9
Application and Implementation ........................ 21
9.1
Application Information............................................ 21
9.2
Typical Application ................................................. 21
10
Power Supply Recommendations ..................... 23
11
Layout................................................................... 23
11.1
Layout Guidelines ................................................. 23
11.2
Layout Example .................................................... 23
12
Device and Documentation Support ................. 24
12.1
Related Documentation ....................................... 24
12.2
Receiving Notification of Documentation Updates 24
12.3
Community Resources.......................................... 24
12.4
Trademarks ........................................................... 24
12.5
Electrostatic Discharge Caution ............................ 24
12.6
Glossary ................................................................ 24
13
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
DATE
REVISION
NOTES
August 2019
*
Advance Information release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com