Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70950DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70950DBVR
Description  TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70950DBVR Datasheet(HTML) 3 Page - Texas Instruments

  TPS70950DBVR Datasheet HTML 1Page - Texas Instruments TPS70950DBVR Datasheet HTML 2Page - Texas Instruments TPS70950DBVR Datasheet HTML 3Page - Texas Instruments TPS70950DBVR Datasheet HTML 4Page - Texas Instruments TPS70950DBVR Datasheet HTML 5Page - Texas Instruments TPS70950DBVR Datasheet HTML 6Page - Texas Instruments TPS70950DBVR Datasheet HTML 7Page - Texas Instruments TPS70950DBVR Datasheet HTML 8Page - Texas Instruments TPS70950DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TPS709
www.ti.com
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
Changes from Revision D (October 2013) to Revision E
Page
•
Changed DRV (SON-6) package status from Preview to Production Data............................................................................ 1
•
Deleted SON-6 package from footnote 1 in Features section................................................................................................ 1
•
Deleted DRV package from pinout diagram note................................................................................................................... 1
•
Deleted DRV from pinout note in the Pin Configurations section........................................................................................... 4
Changes from Revision C (June 2013) to Revision D
Page
•
Changed device status from Production Data to Mixed Status.............................................................................................. 1
•
Changed last Features bullet: added footnote and changed device order............................................................................. 1
•
Added note to pinout diagrams............................................................................................................................................... 1
•
Added product preview footnote to pin configurations ........................................................................................................... 4
Changes from Revision B (November 2012) to Revision C
Page
•
Added DCY (SOT-223) and DRV (SON) packages to data sheet ......................................................................................... 1
•
Changed IQ feature bullet value from 1.35 µA to 1 µA ........................................................................................................... 1
•
Changed quiescent current value in first paragraph of Description section from 1.35 µA to 1 µA ........................................ 1
•
Changed text in second paragraph of Description section from "leakage" to "shutdown." .................................................... 1
•
Added typical application circuit ............................................................................................................................................. 1
•
Added DCY and DRV packages to Pin Configuration section .............................................................................................. 4
•
Added DCY and DRV packages to Pin Descriptions table ................................................................................................... 4
•
Added DRV and DCY packages to Thermal Information table .............................................................................................. 5
•
Changed ground pin current typical values for IOUT = 0-mA test conditions........................................................................... 6
Changes from Revision A (October 2012) to Revision B
Page
•
Added Pin Configuration section ............................................................................................................................................ 4
•
Changed Line regulation and Load regulation parameters in Electrical Characteristics table ............................................... 6
•
Changed IGND parameter test conditions in Electrical Characteristics table ........................................................................... 6
•
Changed ISHUTDOWN parameter test conditions in Electrical Characteristics table .................................................................. 6
•
Changed footnote 4 in Electrical Characteristics table........................................................................................................... 6
•
Changed second paragraph of Dropout Voltage section ..................................................................................................... 13
Changes from Original (March 2012) to Revision A
Page
•
Changed device status from Product Preview to Production Data ........................................................................................ 1
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com