Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF02-MIC03F1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-MIC03F1
Description  2 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC03F1 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-MIC03F1 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC03F1 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC03F1 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC03F1 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC03F1 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC03F1 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC03F1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
MAIN PRODUCT CHARACTERISTICS:
Where EMI filtering in ESD sensitive equipment is
required:
■ Mobile phones and communication systems
■ Computers, printers and MCU Boards
DESCRIPTION
The EMIF02-MIC02 is a highly integrated devices
designed to suppress EMI/RFI noise in all systems
subjected to electromagnetic interferences. The
EMIF02 flip chip packaging means the package
size is equal to the die size.
This filter includes an ESD protection circuitry
which prevents the device from destruction when
subjected to ESD surges up 15kV.
BENEFITS
■ EMI symmetrical (I/O) low-pass filter
■ High efficiency in EMI filtering
■ Lead free package
■ Very low PCB space consuming:
1.07mm x 1.57mm
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression
■ High reliability offered by monolithic integration
■ High reducing of parasitic elements through
integration & wafer level packaging.
COMPLIES WITH THE FOLLOWING STANDARDS:
IEC61000-4-2
Level 4 on input pins
15kV (air discharge)
8kV
(contact discharge)
Level 1 on output pins 2kV
(air discharge)
2kV
(contact discharge)
EMIF02-MIC02F2
2 LINES EMI FILTER
INCLUDING ESD PROTECTION
REV. 1
October 2004
Figure 2: Basic Cell Configuration
Input
Output
GND
GND
GND
Low-pass Filter
Ri/o = 470
Cline = 16pF
Ω
IPAD™
Flip-Chip
(6 Bumps)
Figure 1: Pin Configuration (Ball side)
B
1
2
3
A
I1
O1
GND
GND
I2
O2
TM: IPAD is a trademark of STMicroelectronics.
Table 1: Order Code
Part Number
Marking
EMIF02-MIC02F2
FJ


Similar Part No. - EMIF02-MIC03F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC03F2 STMICROELECTRONICS-EMIF02-MIC03F2 Datasheet
260Kb / 6P
2 LINE EMI FILTER AND ESD PROTECTION
14-Oct-2005
More results

Similar Description - EMIF02-MIC03F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
EMI FILTER INCLUDING ESD PROTECTION
05-Nov-2002
EMIF02-USB01 STMICROELECTRONICS-EMIF02-USB01 Datasheet
111Kb / 6P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
Jan-2003
EMIF03-SIM01 STMICROELECTRONICS-EMIF03-SIM01 Datasheet
164Kb / 11P
003 LINES EMI FILTER INCLUDING ESD PROTECTION
22-Feb-2001
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
134Kb / 7P
3 LINES EMI FILTER INCLUDING ESD PROTECTION
13-Dec-2204
EMIF04-MMC02F2 STMICROELECTRONICS-EMIF04-MMC02F2 Datasheet
95Kb / 7P
4 LINES EMI FILTER INCLUDING ESD PROTECTION
06-Apr-2005
EMIF04-MMC02F1 STMICROELECTRONICS-EMIF04-MMC02F1 Datasheet
170Kb / 7P
4 LINES EMI FILTER INCLUDING ESD PROTECTION
Sep-2002
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2 Datasheet
275Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
27-Oct-2004
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2 Datasheet
197Kb / 7P
6 LINES EMI FILTER INCLUDING ESD PROTECTION
25-Jan-2005
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ_05 Datasheet
51Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF_05 Datasheet
54Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com