Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4980SD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4980SD
Description  2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4980SD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4980SD Datasheet HTML 1Page - National Semiconductor (TI) LM4980SD Datasheet HTML 2Page - National Semiconductor (TI) LM4980SD Datasheet HTML 3Page - National Semiconductor (TI) LM4980SD Datasheet HTML 4Page - National Semiconductor (TI) LM4980SD Datasheet HTML 5Page - National Semiconductor (TI) LM4980SD Datasheet HTML 6Page - National Semiconductor (TI) LM4980SD Datasheet HTML 7Page - National Semiconductor (TI) LM4980SD Datasheet HTML 8Page - National Semiconductor (TI) LM4980SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
3.6V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 2)
Internally limited
ESD Susceptibility(Note 3)
2000V
ESD Susceptibility (Note 4)
200V
Junction Temperature
150˚C
Solder Information
Small Outline Package Vapor Phase (60sec)
215˚C
Infrared (15 sec)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliablilty” for other methods of soldering
surface mount devices.
Thermal Resistance
θ
JA (typ) SDA10A
73˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
1.5V
≤ V
DD
≤ 3.3V
Electrical Characteristics V
DD = 3.0V (Notes 1, 5)
The following specifications apply for the circuit shown in Figure 2, unless otherwise specified. A
V = 0dB, RL =32
Ω.
Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4980
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A, RL = ∞ (Note 8)
1.0
1.5
mA (max)
I
SD
Shutdown Current
V
SHDN = GND
0.1
1
µA (max)
V
OS
Output Offset Voltage
1
5
mV
P
O
Output Power (Note 9)
R
L =16
Ω,
THD+N = 1%, f = 1kHz, per channel
42
35
mW (min)
R
L =32
Ω,
THD+N = 1%, f = 1kHz, per channel
28
mW (min)
V
NO
Output Voltage Noise
20Hz to 20kHz, A-weighted, Fig. 2
10
µV
RMS
THD+N
Total Harmonic Distortion + Noise
R
L =32
Ω,P
OUT = 10mW, f = 1kHz
0.02
%
Crosstalk
Freq = 1kHz, P
OUT = 28mW, RL =32
Ω
77
dB
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVP-P sine wave
f
RIPPLE = 1kHz, CMIDCAP = 4.7µF,
V
MID Voltage is Ripple-Free
90
dB
V
RIPPLE = 200mVP-P sine wave
f
RIPPLE = 217Hz, CMIDCAP = 4.7µF,
V
MID Voltage is Ripple-Free
100
dB
CMRR
Common-Mode Rejection Ratio
Input coupling capacitors with 5%
tolerance, V
IN =VMID,
f
RIPPLE = 1kHz
47
dB
T
WAKE-UP
Wake-up Time
C
MIDCAP = 4.7µF, Fig 2.
250
ms
V
IH
Control Logic High
1.5V
≤ V
DD
≤ 3.3V
1.4V
V (min)
V
IL
Control Logic Low
1.5V
≤ V
DD
≤ 3.3V
0.4V
V (max)
Electrical Characteristics V
DD = 1.8V (Notes 1, 5)
The following specifications apply for the circuit shown in Figure 2, unless otherwise specified. A
V = 0dB, RL =32
Ω.
Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4980
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A, RL = ∞ (Note 8)
0.9
mA
I
SD
Shutdown Current
V
SHDN = GND
0.1
µA
V
OS
Output Offset Voltage
1
mV
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com